Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 6 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 6 Page - Fuji Electric

Back Button EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric EDS11-167A Datasheet HTML 10Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PUME
6
TERMINAL CONNECTION DIAGRAM
STATION
LOADER
11
12
22
21
13
14
15
16
17
18
19
20
23
24
25
26
27
28
29
30
24
25
Digital input
22
21
23
12
345
Base part
Power
-
2
1
Communication
RS485
A(+)
3
SG
4
B(-)
5
24V
DC
1
2
3
GND
RX
TX
Loader interface plug (RS-232C)
φ2.5 3-pole miniature plug
24V DC
Di2
Di1
Di4
Di3
29
30
27
26
28
Di6
Di5
Di8
Di7
24V DC
Digital output
14
15
12
11
13
Transistor
O.C. (SINK)
L
24V DC
L
L
L
Do1
Do2
Do3
Do4
COM
1 to 4
Digital input
5 to 8
1 to 4
Relay
Do1
Do2
Do4
Do3
COM
14
15
12
11
13
Digital output
19
20
17
18
Transistor
O.C. (SINK)
L
24V DC
L
L
L
Do5
Do6
Do7
Do8
COM
5 to 8
Relay
Do5
Do6
Do8
Do7
COM
16
19
20
17
18
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn