Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 5 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 5 Page - Fuji Electric

  EDS11-167A Datasheet HTML 1Page - Fuji Electric EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
OUTLINE DIAGRAM (Unit : mm)
Please keep the distance of 30mm from this instrument to radiate.
[50mm is recommended]
Front terminal cover (Option)
(10)
30
1.5
6
At mounting to the DIN rail
85
DIN rail
Main unit (at attach/detach)
Locking tab
Hole for screw mounting
Base part
(Main unit is detached)
Dimensions for screw mounting
(30)
9±0.2
2-M3
Notice at the installation
+0.2
+0.7
30
STATION
LOADER
Terminal
screw M3
Terminal block
(at attach/detach)
Hole for screw
mounting
Terminal screw
M3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn