Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 4 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 4 Page - Fuji Electric

  EDS11-167A Datasheet HTML 1Page - Fuji Electric EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PUME
4
CODE SYMBOLS
[Event input/ouput module]
[Accessories]
[Table 1] Insulation block diagram
Description
4
5
10
E
C
R
A
B
< Module type >
Event input/output module [Di 8 points / Do 8 points]
< Output type >
Transisitor open collector (sink) output
Relay contact output
<Operation manual >
Japanese
English
Digit
45678
9
10
123
PU M
Y Y
10
Digit
6
7
8
A
A
A
A
L
0
0
0
0
0
1
2
3
4
1
RS-485 terminating resistance
DIN rail mounting end plate
Side conneting terminal cover (right & left 1 set)
Front face screw terminal cover
Loader connecting cable (RS-232C)
45678
123
PU M Z *
Digit
Description
Digit
Power
Di1 to 4
Loader communication port
Di5 to 8
RS-485 communication port
Do1 to 4
Do5 to 8
Functional insulation (1000V AC)
Functional insulation (500V AC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn