Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 3 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 3 Page - Fuji Electric

  EDS11-167A Datasheet HTML 1Page - Fuji Electric EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
(4) Extrenal terminal
- Digital input / digital output:
Detachable terminal block
(M3 screw × 20 terminals)
- Power supply connection:
Terminal block on the base part
(M3 screw × 2 terminals)
Power is supplied via side connectors
in case of lateral connecting. (Max. 33
units)
- RS-485 communication connection:
Terminal block on the base part
(M3 screw × 3 terminals)
RS-485 communication is connected via
side connectors in case of lateral con-
necting.
- Loader communication port:
2.5 diameter mini-plug / jack
[on the front of the module]
(5) Case material: Polyphenylene oxide
(flame retardant grade : UL94V-0 equiva-
lent)
(6) Case color:
Case ; red
Terminal, base part ; black
(7) Protection
- Body:
IP20 grade protection
(ventilation slits on the top and the bot-
tom of the body)
- Terminal:
IP00 grade protection, terminal cover is
available as an option
9. Normal operating condition
(1) Ambient temperature*: -10 to 50°C
* “Ambient temperature” is the tempera-
ture underneath the controller inside
the equpiment or the cabinet where
the controller is installed.
(2) Ambient humidity:
90% RH or less (non condensing)
(3) Vibration:
10 to 70Hz, 9.8m/s
2 (1G) or less
10. Transporting, storage condition (packing con-
dition)
(1) Storage temperature: -20 to 60°C
(2) Ambient humidity: 90%RH or less (no condensing)
(3) Vibration:
10 to 70Hz, 9.8m/s
2 (1G) or less
(4) Shock:
294m/s
2 (30G) or less
11. Packing list
Temperature controller: 1unit
Instruction manual:
1 copy
12. Loader software
(1) Distribution medium:
Free download from Fuji Electric Sys-
tems HP (http://www.fic-net.jp/eng/index.
html)
(2) Recommended operating environment
PC:
DOS/V (PC-AT compatible)
OS:
Windows XP (operation confirmed in
Japanese / English)
RAM:
256M bytes or more
Free space on the hardware: 500M bytes or more
Display resolution: 1024 × 768 or over
Serial interface: RS-232C 1 port
(without RS-232C, USB serial converter
cable required)
(3) Connection with PUM
Via loader interface on the front face of the module
(special cable available from Fuji is required) or via
RS-485


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn