Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EDS11-167A Datasheet(PDF) 2 Page - Fuji Electric

Part No. EDS11-167A
Description  PUM Series Multi-loop module type Temperature controller Event input/output module [PUME]
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS11-167A Datasheet(HTML) 2 Page - Fuji Electric

  EDS11-167A Datasheet HTML 1Page - Fuji Electric EDS11-167A Datasheet HTML 2Page - Fuji Electric EDS11-167A Datasheet HTML 3Page - Fuji Electric EDS11-167A Datasheet HTML 4Page - Fuji Electric EDS11-167A Datasheet HTML 5Page - Fuji Electric EDS11-167A Datasheet HTML 6Page - Fuji Electric EDS11-167A Datasheet HTML 7Page - Fuji Electric EDS11-167A Datasheet HTML 8Page - Fuji Electric EDS11-167A Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PUME
2
EVENT INPUT/OUTPUT MODULE
SPECIFICATION
1. General specification
(1) Power supply: 24V DC ±10%
(2) Power consumption: Max. 3.2 W (135 mA)
[when 24V DC is applied]
(3) Insulation resistance: 20M
Ω or more (500V DC)
(4) Withstand voltage:
Power supply
↔ digital input ↔ digital
output
↔ communication terminal
1000V AC 1 min.
Others (digital input between blocks,
digital output between blocks)
500V AC 1 min.
(5) Applied standards:
UL, C-UL, CE marking, RoHS directive
[Pending for UL, C-UL marking]
2. Digital Input
(1) No. of input: 8 points (4 points/common × 2 blocks)
(2) Input type:
Voltage contact input, sink/source com-
mon (bidirectional)
(3) Input rating: 24V DC, input impedance approx. 4.7k
Ω
(4) Input judgment:
ON judgment: 16 to 26.4V DC
OFF judgment: 0 to 5V DC
(5) Input read cycle (min. pulse width): 200ms
(6) Insulation:
Functional insulation with internal cir-
cuit
(7) Option:
NOT/AND/OR logic operation, Latch ac-
tion
3. Digital Output
(1) No. of output: 8 points (4 points/common × 2 blocks)
(2) Output type: Select from a) and b) according to model
type specification
a) Relay contact output
- Contact structure: SPST contact
- Contact capacity: 220V AC / 30V DC, 1A
- Insulation:
Functional insulation with inter-
nal circuit
b) Transisitor open collector (sink) output
- Rating:
24V DC, 100mA
(Residual voltage when power
is ON: 1.5V DC or less)
- Insulation:
Functional insulation with inter-
nal circuit
(3) Option:
Control output/Event output selection,
NOT/AND/OR logic operation, Latch ac-
tion
4. Communication function
4.1 RS-485 interface
(1) Communication standards: RS-485 compatible
(2) No. of port:
1 port
(3) Communication, synchro method:
Two-wire, half-duplex, asynchronous
cycle
(4) Communication speed: 9.6k, 19.2k, 38.4k, 115.2kbps
(5) Communication distance: 1km (38.4kbps or less),
250m (115.2kbps)
(6) Recommended cable: KPEV-SB 0.5sq-equivalent
(7) No. of connectable units:
33 units (master and slave)
(32 units if any modules other than PUM
series are included in slaves.)
(8) Data format: Data bit; 8, parity; even / odd / none
(9) Protocol:
Modbus RTU compatible
(10) Insulation:
No insulation with loader communication
port
Functional insulation with any other in-
put / output
4.2 Loader communication (RS-232C) interface
(1) Communication standards: RS-232C compatible
(2) No. of port:
1 port
(3) Communication, synchro method:
Half-duplex, asynchronous cycle
(4) Communication speed: 19.2kbps (fixed)
(5) Data format: Data bit 8, no parity
(6) Protocol:
Modbus RTU compatible
(7) Connection method:
2.5 diameter mini-plug / jack
[on the front of the module]
(Common cable with PXG, PXH)
(8) Insulation:
No insulation with RS-485
Functional insulation with any other in-
put / output
5. Display, configuration
5.1 Display
(1) Display:
Status display LED
(2 colors × 2 points + 16 points)
(2) Display contents:
RUN/FAULT, RS-485 TX/RX, Input × 8
points, output × 8 points
5.2 Setting device
(1) Setting device: Rotary SW × 1
[on the front of the module]
(2) Set contents: RS-485 Station No.
(Station No.= setting value + 17)
6. Power outage
(1) Impact of power outage:
Outage of 2ms or less ; no impact
(2) Operation after power outage:
Start from the first step (cold start)
(3) Memory backup:
Nonvolatile memory (EEPROM)
No. of update ; 100,000
7. Self diagnosis
Diagnosis method:
Program error monitoring by watch dog
timer
8. Structure
(1) Installation method:
DIN rail mounting or mounting with M3
screws inside a cabinet
(2) Dimensions: 30 (W) × 100 (H) × 85 (D) mm
(excluding terminal cover and projected
part)
(3) Weight:
Approx. 200 g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn