Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS9-52 Datasheet(PDF) 3 Page - Fuji Electric

Part # EDS9-52
Description  OPTICAL-PNEUMATIC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS9-52 Datasheet(HTML) 3 Page - Fuji Electric

  EDS9-52 Datasheet HTML 1Page - Fuji Electric EDS9-52 Datasheet HTML 2Page - Fuji Electric EDS9-52 Datasheet HTML 3Page - Fuji Electric EDS9-52 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
OUTLINE DIAGRAM (Unit : mm)
SUP
OUT
Details of “B”
225
64.5
108
70
25
Pressure gauge (output)
B
Optical cable lead-in port
Indicator (option)
Mounting pipe
JIS 50A (2B)
U-bolt
(M8)
214
64
27
47
39
2 air piping connections
ø15
D
1/4-18NPT
1/2-14NPT
G 1/2
Rc 1/4
ZLD1T
ZLD1S
Optical cable lead-in port D
Air piping connections
Type
ZLD1
3-
Y


Similar Part No. - EDS9-52

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
   OPTICAL-PNEUMATIC POSITIONER
EDS9-51A FUJI-EDS9-51A Datasheet
55Kb / 4P
   OPTICAL SWITCH CONVERTER
EDS9-5J FUJI-EDS9-5J Datasheet
257Kb / 4P
   FC SERIES FLOW RATE COMPENSATOR
More results

Similar Description - EDS9-52

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS9-47C FUJI-EDS9-47C Datasheet
69Kb / 4P
   OPTICAL-PNEUMATIC CONVERTER
EDS9-50B FUJI-EDS9-50B Datasheet
73Kb / 4P
   OPTICAL-PNEUMATIC POSITIONER
EDS12-2M FUJI-EDS12-2M Datasheet
80Kb / 4P
   ELECTRO-PNEUMATIC CONVERTER
logo
Broadcom Corporation.
AFBR-POCXXXL BOARDCOM-AFBR-POCXXXL Datasheet
1Mb / 11P
   Optical Power Converter
October 1, 2019
logo
Fuji Electric
EDS9-44E FUJI-EDS9-44E Datasheet
75Kb / 6P
   OPTICAL SIGNAL CONVERTER
EDS9-51A FUJI-EDS9-51A Datasheet
55Kb / 4P
   OPTICAL SWITCH CONVERTER
EDS9-46E FUJI-EDS9-46E Datasheet
64Kb / 4P
   OPTICAL MULTI-POINT TEMPERATURE CONVERTER
logo
Festo Corporation.
151849 FESTO-151849 Datasheet
102Kb / 2P
   Pneumatic valve
151863 FESTO-151863 Datasheet
104Kb / 2P
   Pneumatic valve
536017 FESTO-536017 Datasheet
105Kb / 2P
   Pneumatic valve
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com