Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS6-141D Datasheet(PDF) 1 Page - Fuji Electric

Part # EDS6-141D
Description  ULTRASONIC FLOWMETER(2-Path System type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS6-141D Datasheet(HTML) 1 Page - Fuji Electric

  EDS6-141D Datasheet HTML 1Page - Fuji Electric EDS6-141D Datasheet HTML 2Page - Fuji Electric EDS6-141D Datasheet HTML 3Page - Fuji Electric EDS6-141D Datasheet HTML 4Page - Fuji Electric EDS6-141D Datasheet HTML 5Page - Fuji Electric EDS6-141D Datasheet HTML 6Page - Fuji Electric EDS6-141D Datasheet HTML 7Page - Fuji Electric EDS6-141D Datasheet HTML 8Page - Fuji Electric EDS6-141D Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Operational specifications
ULTRASONIC FLOWMETER
(2-Path System type)
FEATURES
1. Compact and light-weight
Thanks to the adoption of the latest electronics the
flow transmitter size and mass are 1/2 of our traditional
instrument.
2. Full variety of sensors
The flowmeter can be used with various types of sensors
applicable for wide range of pipe size (ø13 to ø6000mm)
and fluid temperature (-40 to +200°C).
3. High accuracy
The flowmeter is designed for high accuracy (± 1.0%).
The adoption of new sound velocity measurement
system permits measurements of fluids of unknown
sound velocity, and also slightly affection from fluid
temperature and pressure.
4. Excellent resistance against aerated flow
Fuji's unique ABM feature improves measurement reli-
ability for different flow like slurries, sludge, raw sewage
and bubble-contained flow (acceptable up to air bubble
of 12% volume at 1m/s velocity).
5. Quick response
With the use of high-speed micro-processor suited for digi-
tal signal processing, the fast response time is realized.
6. Multi-lingual
The following languages are supported for display:
Japanese (Katakana), English, German French, and
Spanish.
7. Excellent performance and easy operation
LCD and function keys are allowing easy configuration
and trouble shooting.
− LCD with back light
− Easy mounting of sensor
− Trouble shooting
SPECIFICATIONS
FSH, FSG, FSD
System configuration:
The system is composed of two detectors
(Model: FSG, FSD) and one Flow transmitter
(Model: FSH), realizing two-path measure-
ment.
This flowmeter is a fixed type ultrasonic flowmeter based
on transit-time measuring method.
The flowmeter is a compact and light-weight instrument
incorporating the latest electronics and high speed digital
signal processing technologies, realizing high performance
and easy operation. This high performance flowmeter is
used for 2-path system only.
Date
EDS6-141d
Apr. 1, 2011
Applicable fluid:Homogenous liquid where the ultrasonic
signal can be transmitted
Bubble quantity: 0 to 12vol% (for pipe size
50A, water, velocity 1m/s)
Fluid turbidity: 10000mg/L max.
Type of flow: Fully-developed turbulent or
laminar flow in a full-filled pipe
Applicable flow pipe:
Material:
Plastics (PVC, FRP, etc.) or
Metals (carbon steel, SS, cop-
per, aluminum, etc.)
Pipe size:
50 to 6000 mm
Liner:
Tar epoxy, mortar, etc.
Straight pipe length: Typically 10D for upstream
and 5D for downstream. Refer
to JEMIS-032 in detail.
Velocity:
0 to ±0.3 ········±32 m/s
Power supply:
100 to 240 Vac+10%/-15%, 50/60Hz or 20 to
30 Vdc
(inside diameter)
Flow transmitter
(FSH)
Detector
(FSD)
Detector
(FSG)


Similar Part No. - EDS6-141D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-101A FUJI-EDS6-101A Datasheet
167Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-102B FUJI-EDS6-102B Datasheet
122Kb / 4P
   FC SERIES LOW DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-103A FUJI-EDS6-103A Datasheet
174Kb / 6P
   FC SERIES FLOW TRANSMITTER
EDS6-104A FUJI-EDS6-104A Datasheet
164Kb / 6P
   FC SERIES HIGH DIFFERENTIAL PRESSURE TRANSMITTER
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
   FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
More results

Similar Description - EDS6-141D

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
   PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
   ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
   PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
   ULTRASONIC FLOWMETER < M-Flow PW>
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
   ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
   INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
   SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com