Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120100U Datasheet(PDF) 3 Page - CUI INC

Part No. EPSA120100U
Description  SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120100U Datasheet(HTML) 3 Page - CUI INC

  EPSA120100U Datasheet HTML 1Page - CUI INC EPSA120100U Datasheet HTML 2Page - CUI INC EPSA120100U Datasheet HTML 3Page - CUI INC EPSA120100U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
3 of 4
SWITCHING POWER SUPPLY
12W WALL PLUG
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MECHANICAL DRAWING
6 Volt model
All other models
EPSA120100
EPSA090130
EPSA050250
Cable Gauge
22 AWG
20 AWG
18 AWG
EPS060200
Cable Gauge
20 AWG
Cable Length: refer to page 1
Cable Length: refer to page 1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn