Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EPSA120100U Datasheet(PDF) 2 Page - CUI INC

Part No. EPSA120100U
Description  SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EPSA120100U Datasheet(HTML) 2 Page - CUI INC

  EPSA120100U Datasheet HTML 1Page - CUI INC EPSA120100U Datasheet HTML 2Page - CUI INC EPSA120100U Datasheet HTML 3Page - CUI INC EPSA120100U Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
09/2010
2 of 4
SWITCHING POWER SUPPLY
12W WALL PLUG
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT
parameter
conditions/description
min
nom
max
units
rated input voltage
100
240
V ac
input voltage range
90
264
V ac
rated frequency
50
60
Hz
frequency range
47
63
Hz
rated input current
0.4
A
inrush current
115 V ac, cold start
30
A
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
±5
%
load regulation
±5
%
over voltage protection
output shut down
over current protection
200
%
short circuit protection
yes
turn-on
2s
hold-up
110 V ac, 50 Hz, 80% max. load
10
ms
SAFETY & EMI
parameter
conditions/description
min
nom
max
units
HI-POT
input to output at 10 mA for 2 seconds
3,000
V ac
insulation resistance
input to output at 500 V dc
10
M
safety approvals
5 and 12 V models: UL/cUL
6 V model meets: UL/cUL
9 V model: UL/cUL
EMI standard
FCC part 15B class B
leakage current
0.25
mA
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
040
°C
operating humidity
10
95
%
storage temperature
-25
85
°C
storage humidity
10
95
%
RELIABILITY
parameter
conditions/description
min
nom
max
units
MTBF
at full load, 25 °C, Telcordia SR-332, Issue 2
300,000
hours
burn-in
100% burn-in at 40°C ±5°C, 80~100% of full load


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn