Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


MC74VCX16373 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74VCX16373
Description  LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 4 page
background image
MC74VCX16373
MOTOROLA
LCX DATA
BR1339 — REV 2
4
DC ELECTRICAL CHARACTERISTICS (2.7V < VCC ≤ 3.6V)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V < VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V < VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V < VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V < VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL = 12mA
0.4
VCC = 3.0V; IOL = 18mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
II
Input Leakage Current
2.7V < VCC ≤ 3.6V; 0V ≤ VI ≤ 3.6V
±5.0
µA
IOZ
3–State Output Current
2.7V < VCC ≤ 3.6V; 0V ≤ VO ≤ 3.6V;
VI = VIH or VIL
±10
µA
IOFF
Power–Off Leakage Current
VCC = 0V; 0V ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
2.7V < VCC ≤ 3.6V; VI = GND or VCC
20
µA
2.7V < VCC ≤ 3.6V; VCC ≤ (VI, VO) ≤ 3.6V
±20
µA
∆ICC
Increase in ICC per Input
2.7V < VCC ≤ 3.6V; VIH = VCC – 0.6V
750
µA
2. These values of VI are used to test DC electrical characteristics only.
DC ELECTRICAL CHARACTERISTICS (2.3V
≤ VCC ≤ 2.7V)
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 3.)
2.3V
≤ VCC ≤ 2.7V
1.6
V
VIL
LOW Level Input Voltage (Note 3.)
2.3V
≤ VCC ≤ 2.7V
0.7
V
VOH
HIGH Level Output Voltage
2.3V
≤ VCC ≤ 2.7V; IOH = –100µA
VCC – 0.2
V
VCC = 2.3V; IOH = –6mA
2.0
VCC = 2.3V; IOH = –12mA
1.8
VCC = 2.3V; IOH = –18mA
1.7
VOL
LOW Level Output Voltage
2.3V
≤ VCC ≤ 2.7V; IOL = 100µA
0.2
V
VCC = 2.3V; IOL = 12mA
0.4
VCC = 2.3V; IOL = 18mA
0.6
II
Input Leakage Current
2.3V
≤ VCC ≤ 2.7V; 0V ≤ VI ≤ 3.6V
±5.0
µA
IOZ
3–State Output Current
2.3V
≤ VCC ≤ 2.7V;
0V
≤ VO ≤ 3.6V; VI = VIH or V IL
±10
µA
IOFF
Power–Off Leakage Current
VCC = 0V; 0V ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
2.3V
≤ VCC ≤ 2.7V; VI = GND or VCC
20
µA
2.3V
≤ VCC ≤ 2.7V; VCC ≤ (VI, VO) ≤ 3.6V
±20
µA
3. These values of VI are used to test DC electrical characteristics only.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74LCX16373LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH 1 2 3 4 5 MoreMotorola, Inc
74VCX16373Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch 1 2 3 4 5 MoreON Semiconductor
74ALVCH163732.5V/3.3V 16-bit D-type transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74ALVCH1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74VCXH16373Low Voltage 16-Bit Transparent Latch with Bushold 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALVCH3297316-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS 1 2 3 4 5 MoreTexas Instruments
PI74LCX16373Fast CMOS 3.3V 16-Bit Transparent Latch 1 2 3 4 5 MorePericom Semiconductor Corporation
SN74LVC16373A16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
74ABT16373B16-bit transparent latch 3-State 1 2 3 4 5 MoreNXP Semiconductors
SN74AUC1637316-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl