Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA64D3 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA64D3
Description  8/16-bit XMEGA D3 Microcontroller
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64D3 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA64D3 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA64D3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
2
8134I–AVR–12/10
XMEGA D3
1.
Ordering Information
Notes:
1.
This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2.
Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green.
3.
For packaging information, see ”Packaging information” on page 86.
Ordering Code
Flash (B)
E2 (B)
SRAM (B)
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega256D3-AU
256K + 8K
4K
16K
32
1.6 - 3.6V
64A
-40
° - 85°C
ATxmega192D3-AU
192K + 8K
2K
16K
32
1.6 - 3.6V
ATxmega128D3-AU
128K + 8K
2K
8K
32
1.6 - 3.6V
ATxmega64D3-AU
64K + 4K
2K
4K
32
1.6 - 3.6V
ATxmega256D3-MH
256K + 8K
4K
16K
32
1.6 - 3.6V
64M2
ATxmega192D3-MH
192K + 8K
2K
16K
32
1.6 - 3.6V
ATxmega128D3-MH
128K + 8K
2K
8K
32
1.6 - 3.6V
ATxmega64D3-MH
64K + 4K
2K
4K
32
1.6 - 3.6V
Package Type
64A
64-lead, 14 x 14 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
64M2
64-pad, 9 x 9 x 1.0 mm Body, Lead Pitch 0.50 mm, 7.65 mm Exposed Pad, Quad Flat No-Lead Package (QFN)


Similar Part No. - ATXMEGA64D3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64D3 ATMEL-ATXMEGA64D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3-AU ATMEL-ATXMEGA64D3-AU Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3-MH ATMEL-ATXMEGA64D3-MH Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
More results

Similar Description - ATXMEGA64D3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256D3 ATMEL-ATXMEGA256D3 Datasheet
3Mb / 98P
   8/16-bit AVR XMEGA D3 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4 ATMEL-ATXMEGA128A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com