Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA640V Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATMEGA640V
Description  8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640V Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATMEGA640V_11 Datasheet HTML 8Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 9Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 10Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 11Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 12Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 13Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 14Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 15Page - ATMEL Corporation ATMEGA640V_11 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
2549NS–AVR–05/11
ATmega640/1280/1281/2560/2561
7.
Register Summary
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
(0x1FF)
Reserved
-
-
-
-
-
-
-
-
...
Reserved
-
-
-
-
-
-
-
-
(0x13F)
Reserved
(0x13E)
Reserved
(0x13D)
Reserved
(0x13C)
Reserved
(0x13B)
Reserved
(0x13A)
Reserved
(0x139)
Reserved
(0x138)
Reserved
(0x137)
Reserved
(0x136)
UDR3
USART3 I/O Data Register
222
(0x135)
UBRR3H
-
-
-
-
USART3 Baud Rate Register High Byte
227
(0x134)
UBRR3L
USART3 Baud Rate Register Low Byte
227
(0x133)
Reserved
-
-
-
-
-
-
-
-
(0x132)
UCSR3C
UMSEL31
UMSEL30
UPM31
UPM30
USBS3
UCSZ31
UCSZ30
UCPOL3
239
(0x131)
UCSR3B
RXCIE3
TXCIE3
UDRIE3
RXEN3
TXEN3
UCSZ32
RXB83
TXB83
238
(0x130)
UCSR3A
RXC3
TXC3
UDRE3
FE3
DOR3
UPE3
U2X3
MPCM3
238
(0x12F)
Reserved
-
-
-
-
-
-
-
-
(0x12E)
Reserved
-
-
-
-
-
-
-
-
(0x12D)
OCR5CH
Timer/Counter5 - Output Compare Register C High Byte
165
(0x12C)
OCR5CL
Timer/Counter5 - Output Compare Register C Low Byte
165
(0x12B)
OCR5BH
Timer/Counter5 - Output Compare Register B High Byte
165
(0x12A)
OCR5BL
Timer/Counter5 - Output Compare Register B Low Byte
165
(0x129)
OCR5AH
Timer/Counter5 - Output Compare Register A High Byte
164
(0x128)
OCR5AL
Timer/Counter5 - Output Compare Register A Low Byte
164
(0x127)
ICR5H
Timer/Counter5 - Input Capture Register High Byte
165
(0x126)
ICR5L
Timer/Counter5 - Input Capture Register Low Byte
165
(0x125)
TCNT5H
Timer/Counter5 - Counter Register High Byte
163
(0x124)
TCNT5L
Timer/Counter5 - Counter Register Low Byte
163
(0x123)
Reserved
-
-
-
-
-
-
-
-
(0x122)
TCCR5C
FOC5A
FOC5B
FOC5C
-
-
-
-
-
162
(0x121)
TCCR5B
ICNC5
ICES5
-
WGM53
WGM52
CS52
CS51
CS50
160
(0x120)
TCCR5A
COM5A1
COM5A0
COM5B1
COM5B0
COM5C1
COM5C0
WGM51
WGM50
158
(0x11F)
Reserved
-
-
-
-
-
-
-
-
(0x11E)
Reserved
-
-
-
-
-
-
-
-
(0x11D)
Reserved
-
-
-
-
-
-
-
-
(0x11C)
Reserved
-
-
-
-
-
-
-
-
(0x11B)
Reserved
-
-
-
-
-
-
-
-
(0x11A)
Reserved
-
-
-
-
-
-
-
-
(0x119)
Reserved
-
-
-
-
-
-
-
-
(0x118)
Reserved
-
-
-
-
-
-
-
-
(0x117)
Reserved
-
-
-
-
-
-
-
-
(0x116)
Reserved
-
-
-
-
-
-
-
-
(0x115)
Reserved
-
-
-
-
-
-
-
-
(0x114)
Reserved
-
-
-
-
-
-
-
-
(0x113)
Reserved
-
-
-
-
-
-
-
-
(0x112)
Reserved
-
-
-
-
-
-
-
-
(0x111)
Reserved
-
-
-
-
-
-
-
-
(0x110)
Reserved
-
-
-
-
-
-
-
-
(0x10F)
Reserved
-
-
-
-
-
-
-
-
(0x10E)
Reserved
-
-
-
-
-
-
-
-
(0x10D)
Reserved
-
-
-
-
-
-
-
-
(0x10C)
Reserved
-
-
-
-
-
-
-
-
(0x10B)
PORTL
PORTL7
PORTL6
PORTL5
PORTL4
PORTL3
PORTL2
PORTL1
PORTL0
104
(0x10A)
DDRL
DDL7
DDL6
DDL5
DDL4
DDL3
DDL2
DDL1
DDL0
104
(0x109)
PINL
PINL7
PINL6
PINL5
PINL4
PINL3
PINL2
PINL1
PINL0
104
(0x108)
PORTK
PORTK7
PORTK6
PORTK5
PORTK4
PORTK3
PORTK2
PORTK1
PORTK0
103
(0x107)
DDRK
DDK7
DDK6
DDK5
DDK4
DDK3
DDK2
DDK1
DDK0
103
(0x106)
PINK
PINK7
PINK6
PINK5
PINK4
PINK3
PINK2
PINK1
PINK0
103
(0x105)
PORTJ
PORTJ7
PORTJ6
PORTJ5
PORTJ4
PORTJ3
PORTJ2
PORTJ1
PORTJ0
103
(0x104)
DDRJ
DDJ7
DDJ6
DDJ5
DDJ4
DDJ3
DDJ2
DDJ1
DDJ0
103
(0x103)
PINJ
PINJ7
PINJ6
PINJ5
PINJ4
PINJ3
PINJ2
PINJ1
PINJ0
103
(0x102)
PORTH
PORTH7
PORTH6
PORTH5
PORTH4
PORTH3
PORTH2
PORTH1
PORTH0
102
(0x101)
DDRH
DDH7
DDH6
DDH5
DDH4
DDH3
DDH2
DDH1
DDH0
103


Similar Part No. - ATMEGA640V_11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATMEGA640V-1280 MICROCHIP-ATMEGA640V-1280 Datasheet
3Mb / 436P
   8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640V-1281 MICROCHIP-ATMEGA640V-1281 Datasheet
3Mb / 436P
   8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
More results

Similar Description - ATMEGA640V_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA640 ATMEL-ATMEGA640_12 Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K 128K 256K Bytes In-System Programmable Flash
ATMEGA1281-16AUR ATMEL-ATMEGA1281-16AUR Datasheet
1Mb / 40P
   8-bit Atmel Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549PS-AVR-10/2012
ATMEGA640_071 ATMEL-ATMEGA640_071 Datasheet
974Kb / 37P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
ATMEGA640V_0701 ATMEL-ATMEGA640V_0701 Datasheet
3Mb / 449P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549K-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_07 Datasheet
465Kb / 35P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549KS-AVR-01/07
ATMEGA640 ATMEL-ATMEGA640_10 Datasheet
1Mb / 38P
   8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
2549MS-AVR-09/10
ATMEGA603 ATMEL-ATMEGA603 Datasheet
280Kb / 10P
   8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
ATMEGA64 ATMEL-ATMEGA64_08 Datasheet
5Mb / 393P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644V ATMEL-ATMEGA644V_10 Datasheet
787Kb / 23P
   8-bit Microcontroller with 64K Bytes In-System Programmable Flash
ATMEGA644_0702 ATMEL-ATMEGA644_0702 Datasheet
4Mb / 374P
   8-bit Microcontroller with 64K Bytes In- System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com