Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLD-DS45 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-DS45
Description  Cree짰 XLamp짰 XB-D White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS45 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-DS45 Datasheet HTML 1Page - Cree, Inc CLD-DS45 Datasheet HTML 2Page - Cree, Inc CLD-DS45 Datasheet HTML 3Page - Cree, Inc CLD-DS45 Datasheet HTML 4Page - Cree, Inc CLD-DS45 Datasheet HTML 5Page - Cree, Inc CLD-DS45 Datasheet HTML 6Page - Cree, Inc CLD-DS45 Datasheet HTML 7Page - Cree, Inc CLD-DS45 Datasheet HTML 8Page - Cree, Inc CLD-DS45 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
3
xlamp xB-D white leDs
characteristics
characteristics
unit
minimum
typical
maximum
Thermal resistance, junction to solder point - white
°C/W
6.5
Viewingangle(FWHM)-white
degrees
115
Temperaturecoefficientofvoltage-white
mv/°C
-2.5
ESDclassification(HBMperMil-Std-883D)
Class 2
DC forward current - white
mA
1000
Reverse voltage
v
-5
Forward voltage (@ 350 mA, 85 °C) - white
v
2.9
3.5
LeD junction temperature
°C
150
relative sPectral PoWer distriButioN
Relative Spectral Power
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K - 8300K CCT
2600K - 3700K CCT
3


Similar Part No. - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
   Cree짰 XLamp짰 XT-E Royal Blue LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
More results

Similar Description - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-AP91 CREE-CLD-AP91 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XB-D White LEDs
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
XP-E-HEW CREE-XP-E-HEW Datasheet
985Kb / 11P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com