Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55030F2 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH55030F2
Description  25 W, C-band, Unmatched, GaN HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55030F2 Datasheet(HTML) 1 Page - Cree, Inc

  CGH55030F2 Datasheet HTML 1Page - Cree, Inc CGH55030F2 Datasheet HTML 2Page - Cree, Inc CGH55030F2 Datasheet HTML 3Page - Cree, Inc CGH55030F2 Datasheet HTML 4Page - Cree, Inc CGH55030F2 Datasheet HTML 5Page - Cree, Inc CGH55030F2 Datasheet HTML 6Page - Cree, Inc CGH55030F2 Datasheet HTML 7Page - Cree, Inc CGH55030F2 Datasheet HTML 8Page - Cree, Inc CGH55030F2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/wireless
CGH55030F2 / CGH55030P2
25 W, C-band, Unmatched, GaN HEMT
Cree’s CGH55030F2/CGH55030P2 is a gallium nitride (GaN) high electron
mobility transistor (HEMT) designed specifically for high efficiency, high
gain and wide bandwidth capabilities, which makes the CGH55030F2/
CGH55030P2 ideal for C-band pulsed or CW saturated amplifiers. The
transistor is available in both screw-down, flange and solder-down,
pill packages. Based on appropriate external match adjustment, the
CGH55030F2/CGH55030P2 is suitable for applications up to 6 GHz.
Package Type: 440196
& 440166
PN: CGH55030P2
& CGH55030F2
FEATURES
• 4.5 to 6.0 GHz Operation
• 12 dB Small Signal Gain at 5.65 GHz
• 30 W typical P
SAT
• 60 % Efficiency at P
SAT
• 28 V Operation
APPLICATIONS
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB Amplifiers for Drivers and
Gain Blocks


Similar Part No. - CGH55030F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
More results

Similar Description - CGH55030F2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55015F2 CREE-CGH55015F2 Datasheet
1Mb / 11P
   10 W, C-band, Unmatched, GaN HEMT
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com