Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCX78 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BCX78
Description  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX78 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCX78 Datasheet HTML 1Page - Siemens Semiconductor Group BCX78 Datasheet HTML 2Page - Siemens Semiconductor Group BCX78 Datasheet HTML 3Page - Siemens Semiconductor Group BCX78 Datasheet HTML 4Page - Siemens Semiconductor Group BCX78 Datasheet HTML 5Page - Siemens Semiconductor Group BCX78 Datasheet HTML 6Page - Siemens Semiconductor Group BCX78 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VCEsat
0.6
Base-emitter saturation voltage1)
IC = 100 mA, IB = 2.5 mA
VBEsat
1.0
DC characteristics
Unit
Values
Parameter
Symbol
min.
typ.
max.
Base-emitter voltage
IC = 10
µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 100 mA, VCE = 1 V 1)
VBE(on)
0.55
0.52
0.65
0.93
0.75
1)
Pulse test: t
300 µs, D 2%.
BCX 78
BCX 79


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSS80 PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC327 PNP Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC875 NPN Silicon Darlington Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group
BCX58BCX59 NPN Silicon AF Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC337 NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn