Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCX78 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCX78
Description  PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX78 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX78 Datasheet HTML 1Page - Siemens Semiconductor Group BCX78 Datasheet HTML 2Page - Siemens Semiconductor Group BCX78 Datasheet HTML 3Page - Siemens Semiconductor Group BCX78 Datasheet HTML 4Page - Siemens Semiconductor Group BCX78 Datasheet HTML 5Page - Siemens Semiconductor Group BCX78 Datasheet HTML 6Page - Siemens Semiconductor Group BCX78 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
PNP Silicon AF Transistors
BCX 78
BCX 79
5.91
Type
Ordering Code
Marking
Package1)
Pin Configuration
BCX 78
BCX 78-VII
BCX 78-VIII
BCX 78-IX
BCX 78-X
BCX 79
BCX 79-VII
BCX 79-VIII
BCX 79-IX
BCX 79-X
Q62702-C717
Q62702-C626
Q62702-C627
Q62702-C628
Q62702-C629
Q62702-C718
Q62702-C630
Q62702-C631
Q62702-C632
Q62702-C633
TO-92
C
B
E
1
2
3
1)
For detailed information see chapter Package Outlines.
q
High current gain
q
Low collector-emitter saturation voltage
q
Low noise at 1 kHz
q
Low noise at low frequencies
q
Complementary types: BCX 58, BCX 59 (NPN)
1
2
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSS80 PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC327 PNP Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC875 NPN Silicon Darlington Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  Siemens Semiconductor Group
BCX58BCX59 NPN Silicon AF Transistors High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC337 NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn