Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN069-100YS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PSMN069-100YS
Description  N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN069-100YS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PSMN069-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 12Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 13Page - NXP Semiconductors PSMN069-100YS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PSMN069-100YS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 25 October 2010
10 of 15
NXP Semiconductors
PSMN069-100YS
N-channel LFPAK 100 V 72.4 m
Ω standard level MOSFET
Fig 17. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
003a a e 162
0
20
40
60
80
00.511.5
VSD (V)
IS
(A)
Tj = 25 °C
Tj = 175 °C


Similar Part No. - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
More results

Similar Description - PSMN069-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN069-100YS NEXPERIA-PSMN069-100YS Datasheet
828Kb / 15P
   N-channel LFPAK 100 V 72.4 mΩ standard level MOSFET
Rev. 02 - 25 October 2010
logo
NXP Semiconductors
PSMN039-100YS NXP-PSMN039-100YS Datasheet
245Kb / 15P
   N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Rev. 02-2 April 2010
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS NXP-PSMN016-100YS Datasheet
248Kb / 14P
   N-channel 100 V 16 m廓 standard level MOSFET in LFPAK
Rev. 02-25 January 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com