Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN5R0-100ES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PSMN5R0-100ES
Description  N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN5R0-100ES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PSMN5R0-100ES Datasheet HTML 3Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 4Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 5Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 6Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 7Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 8Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 9Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 10Page - NXP Semiconductors PSMN5R0-100ES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PSMN5R0-100ES
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 26 September 2011
7 of 15
NXP Semiconductors
PSMN5R0-100ES
N-channel 100 V 5 m
Ω standard level MOSFET in I2PAK
[1]
Measured 3 mm from package.
Source-drain diode
VSD
source-drain voltage
IS =25 A; VGS =0V; Tj =25 °C;
see Figure 17
-0.8
1.2
V
trr
reverse recovery time
IS =25 A; dIS/dt = -100 A/µs;
VGS =0V; VDS =50V
-75
-ns
Qr
recovered charge
-
235
-
nC
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 5.
Forward transconductance as a function of
drain current; typical values
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 7.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 8.
Output characteristics: drain current as a
function of drain-source voltage; typical values
003aaf723
0
50
100
150
200
250
0
30
60
90
120
I
D (A)
g
fs
(S)
003aaf724
0
20
40
60
80
100
02
46
V
GS(V)
I
D
(A)
T
j = 25 °C
T
j = 175 °C
003aaf725
0
5
10
15
20
0
5
10
15
20
V
GS(V)
R
DSon
(m
Ω)
003aaf726
0
40
80
120
160
200
240
0
0.5
1
1.5
2
V
DS(V)
I
D
(A)
5.5
6.0
8.0
10.0
20.0
V
GS(V) =5
4.5


Similar Part No. - PSMN5R0-100ES

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN5R0-100ES NEXPERIA-PSMN5R0-100ES Datasheet
816Kb / 15P
   N-channel 100 V 5 mΩ standard level MOSFET in I2PAK
Rev. 3 - 26 September 2011
logo
NXP Semiconductors
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES_15 Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
More results

Similar Description - PSMN5R0-100ES

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN5R0-100ES PHILIPS-PSMN5R0-100ES_15 Datasheet
203Kb / 15P
   N-channel 100 V 5 m廓 standard level MOSFET in I2PAK
Rev. 3-26 September 2011
PSMN8R5-100ES PHILIPS-PSMN8R5-100ES_15 Datasheet
229Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
11 October 2012
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES_15 Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN4R3-100ES PHILIPS-PSMN4R3-100ES Datasheet
195Kb / 14P
   N-channel 100 V 4.3 m廓 standard level MOSFET in I2PAK
Rev. 1-31 October 2011
PSMN013-100ES NXP-PSMN013-100ES Datasheet
222Kb / 14P
   N-channel 100 V 13.9 m廓 standard level MOSFET in I2PAK
Rev. 02-19 February 2010
logo
Nexperia B.V. All right...
PSMN8R5-100ES NEXPERIA-PSMN8R5-100ES Datasheet
735Kb / 14P
   N-channel 100 V 8.5 m廓 standard level MOSFET in I2PAK
PSMN1R5-40ES NEXPERIA-PSMN1R5-40ES Datasheet
822Kb / 14P
   N-channel 40 V 1.6 m廓 standard level MOSFET in I2PAK.
PSMN8R5-108ES NEXPERIA-PSMN8R5-108ES Datasheet
355Kb / 15P
   N-channel 108 V 8.5 m廓 standard level MOSFET in I2PAK
logo
NXP Semiconductors
PSMN6R3-120ES PHILIPS-PSMN6R3-120ES_15 Datasheet
258Kb / 12P
   N-channel 120 V 6.7 m廓 standard level MOSFET in I2PAK
8 May 2013
logo
Nexperia B.V. All right...
PSMN2R0-60ES NEXPERIA-PSMN2R0-60ES Datasheet
826Kb / 15P
   N-channel 60 V 2.2 m廓 standard level MOSFET in I2PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com