Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCX41 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCX41
Description  NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX41 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX41 Datasheet HTML 1Page - Siemens Semiconductor Group BCX41 Datasheet HTML 2Page - Siemens Semiconductor Group BCX41 Datasheet HTML 3Page - Siemens Semiconductor Group BCX41 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
BCX 41
BSS 64
NPN Silicon AF and Switching Transistor
BCX 41
BSS 64
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCX 41
BSS 64
Q62702-C1659
Q62702-S535
EKs
AMs
SOT-23
B
E
C
1
2
3
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
80
V
Collector-base voltage
VCB0
120
Emitter-base voltage
VEB0
5
Collector current
IC
800
mA
Peak collector current
ICM
1A
Base current
IB
100
mA
Peak base current
IBM
200
Total power dissipation, TS =79˚C
Ptot
330
mW
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient 2)
Rth JA
285
K/W
125
125
5
BSS 64
BCX 41
Junction - soldering point
Rth JS
215
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary types: BCX 42, BSS 63 (PNP)
5.91


Similar Part No. - BCX41

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
50Kb / 5P
   NPN Silicon AF and Switching Transistors
Aug-20-2001
logo
Guangdong Kexin Industr...
BCX41 KEXIN-BCX41 Datasheet
37Kb / 1P
   Medium Power Transistor
logo
Infineon Technologies A...
BCX41 INFINEON-BCX41 Datasheet
76Kb / 7P
   NPN Silicon AF and Switching Transistor
2007-04-20
logo
Continental Device Indi...
BCX41 CDIL-BCX41 Datasheet
327Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Similar Description - BCX41

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BFP22 SIEMENS-BFP22 Datasheet
171Kb / 4P
   NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA56 INFINEON-SMBTA56_07 Datasheet
77Kb / 7P
   PNP Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
SMBT3904PN INFINEON-SMBT3904PN_07 Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com