Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R34M-6A Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R34M-6A
Description  MINI BALUN TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R34M-6A Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R34M-6A Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
R34M SERIES
• Good for CATV and SET Top Box applications
• Small surface mount package: 4mm square, 3.5 mm high
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom design available
Industries
ELECTRICAL PARAMETERS @25°C
Part Number
R34M-
Turns
Frequency
Response Rate
(MHz)
Insertion Loss
dB Max
Schematic
DoubleBalancedMixer(50Ω:200Ω)(6-4:1-3)
3A
3
20-2000
3
A
4A
4
6-1850
3
A
5A
5
3-1550
3
A
6A
6
0.1-1100
3
A
Splitter/Directional Coupler
3D
3
45-1500
in-out1, 2dB
in-out2, 10dB
D
4D
4
8-1200
in-out1, 1.5dB
in-out2, 14dB
D
5D
5
5-1000
in-out1, 1.2dB
in-out2,16dB
D
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (mm)
SCHEMATIC
MINI BALUN TRANSFORMERS


Similar Part No. - R34M-6A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
R3410 MICROSEMI-R3410 Datasheet
119Kb / 2P
   Silicon Power Rectifier
R34100 MICROSEMI-R34100 Datasheet
119Kb / 2P
   Silicon Power Rectifier
R34120 MICROSEMI-R34120 Datasheet
119Kb / 2P
   Silicon Power Rectifier
R34140 MICROSEMI-R34140 Datasheet
119Kb / 2P
   Silicon Power Rectifier
R34160 MICROSEMI-R34160 Datasheet
119Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - R34M-6A

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
logo
Pulse A Technitrol Comp...
CX2142NL PULSE-CX2142NL Datasheet
178Kb / 2P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B5FL TOKO-B5FL Datasheet
149Kb / 1P
   Balun Transformers
616DB-1191 TOKO-616DB-1191 Datasheet
178Kb / 1P
   Balun Transformers
logo
XFMRS Inc.
XFWB1194 XFMRS-XFWB1194 Datasheet
37Kb / 1P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B4F TOKO-B4F Datasheet
194Kb / 2P
   Balun Transformers
617DB-1653 TOKO-617DB-1653 Datasheet
290Kb / 2P
   Balun Transformers
logo
MPS Industries, Inc.
R3647 MPSIND-R3647 Datasheet
607Kb / 2P
   BALUN TRANSFORMERS
logo
Anaren Microwave
3A625 ANAREN-3A625 Datasheet
88Kb / 2P
   Balun Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com