Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCV28 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCV28
Description  PNP Silicon Darlington Transistors (For general AF applications High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCV28 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCV28 Datasheet HTML 1Page - Siemens Semiconductor Group BCV28 Datasheet HTML 2Page - Siemens Semiconductor Group BCV28 Datasheet HTML 3Page - Siemens Semiconductor Group BCV28 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon Darlington Transistors
BCV 28
BCV 48
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCV 28
BCV 48
Q62702-C1852
Q62702-C1854
ED
EE
SOT-89
1
2
3
4
B
C
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Peak collector current
ICM
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS = 124 ˚C
Ptot
W
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
72
K/W
500
800
1
150
– 65 … + 150
Emitter-base voltage
VEB0
Base current
IB
100
30
60
40
80
BCV 28
BCV 48
Peak base current
IBM
200
10
10
Junction - soldering point
Rth JS
17
q
For general AF applications
q
High collector current
q
High current gain
q
Complementary types: BCV 29, BCV 49 (NPN)
5.91


Similar Part No. - BCV28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV28 PHILIPS-BCV28 Datasheet
42Kb / 8P
   PNP Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV28 ZETEX-BCV28 Datasheet
16Kb / 1P
   PNP SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
NXP Semiconductors
BCV28 NXP-BCV28 Datasheet
126Kb / 8P
   PNP Darlington transistors
2004 Dec 06
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
More results

Similar Description - BCV28

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
   PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
   PNP Silicon AF Transistors (For general AF applications High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
   NPN Silicon Darlington Transistors (For general AF applications High collector current)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCX68 SIEMENS-BCX68 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors (For general AF applications High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
   PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com