Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT50N30Q3 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT50N30Q3
Description  HiperFETTM Power MOSFETs Q3-Class
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT50N30Q3 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT50N30Q3 Datasheet HTML 1Page - IXYS Corporation IXFT50N30Q3 Datasheet HTML 2Page - IXYS Corporation IXFT50N30Q3 Datasheet HTML 3Page - IXYS Corporation IXFT50N30Q3 Datasheet HTML 4Page - IXYS Corporation IXFT50N30Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
IXFT50N30Q3
IXFH50N30Q3
Fig. 1. Output Characteristics @ TJ = 25ºC
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
VDS - Volts
VGS = 10V
8.5V
7V
8V
9V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
VDS - Volts
VGS = 10V
8V
9V
7V
8.5V
9.5V
Fig. 3. Output Characteristics @ TJ = 125ºC
0
5
10
15
20
25
30
35
40
45
50
0123
456
789
VDS - Volts
7V
8V
6V
VGS = 10V
9V
Fig. 4. RDS(on) Normalized to ID = 25A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 50A
I D = 25A
Fig. 5. RDS(on) Normalized to ID = 25A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
10
203040
50
6070
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade


Similar Part No. - IXFT50N30Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT50N20 IXYS-IXFT50N20 Datasheet
104Kb / 4P
   HiPerFET Power MOSFETs
IXFT50N50P3 IXYS-IXFT50N50P3 Datasheet
157Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
173Kb / 5P
   Polar3 HiperFET Power MOSFET
IXFT50N60P3 IXYS-IXFT50N60P3 Datasheet
153Kb / 6P
   Power MOSFET
IXFT50N60P3 IXYS-IXFT50N60P3_V01 Datasheet
153Kb / 6P
   Power MOSFET
More results

Similar Description - IXFT50N30Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT18N100Q3 IXYS-IXFT18N100Q3 Datasheet
137Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT30N50Q3 IXYS-IXFT30N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFK80N50Q3 IXYS-IXFK80N50Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFK32N100Q3 IXYS-IXFK32N100Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFH70N30Q3 IXYS-IXFH70N30Q3 Datasheet
138Kb / 5P
   HiperFET Power MOSFETs Q3-Class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com