Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT30N50Q3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT30N50Q3
Description  HiperFETTM Power MOSFETs Q3-Class
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT30N50Q3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT30N50Q3 Datasheet HTML 1Page - IXYS Corporation IXFT30N50Q3 Datasheet HTML 2Page - IXYS Corporation IXFT30N50Q3 Datasheet HTML 3Page - IXYS Corporation IXFT30N50Q3 Datasheet HTML 4Page - IXYS Corporation IXFT30N50Q3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 IXYS CORPORATION, All Rights Reserved
DS100338(05/11)
IXFT30N50Q3
IXFH30N50Q3
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
30
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
90
A
I
A
T
C = 25°C30
A
E
AS
T
C = 25°C
1.5
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
50
V/ns
P
D
T
C = 25°C
690
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062in.) from Case for 10s
300
°C
T
sold
Plastic Body for 10 seconds
260
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-268
4.0
g
TO-247
6.0
g
V
DSS
= 500V
I
D25
= 30A
R
DS(on)
≤≤≤≤ 200m
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
3.5
6.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS= 0V
10
μA
T
J = 125°C
500 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
200 m
Ω
HiperFETTM
Power MOSFETs
Q3-Class
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXFH)
G
S
D (Tab)
D
TO-268 (IXFT)
S
G
D (Tab)
Features
Low Intrinsic Gate Resistance
International Standard Packages
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
Temperature and Lighting Controls


Similar Part No. - IXFT30N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT30N50 IXYS-IXFT30N50 Datasheet
110Kb / 4P
   HiPerFET Power MOSFETs
IXFT30N50P IXYS-IXFT30N50P Datasheet
326Kb / 5P
   PolarHV HiPerFET Power MOSFET
More results

Similar Description - IXFT30N50Q3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT15N100Q3 IXYS-IXFT15N100Q3 Datasheet
134Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT18N100Q3 IXYS-IXFT18N100Q3 Datasheet
137Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT50N30Q3 IXYS-IXFT50N30Q3 Datasheet
139Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFB82N60Q3 IXYS-IXFB82N60Q3 Datasheet
148Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFB62N80Q3 IXYS-IXFB62N80Q3 Datasheet
149Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFN62N80Q3 IXYS-IXFN62N80Q3 Datasheet
132Kb / 5P
   HiperFETTM Power MOSFET Q3-Class
IXFK80N50Q3 IXYS-IXFK80N50Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFK32N100Q3 IXYS-IXFK32N100Q3 Datasheet
132Kb / 5P
   HiperFET Power MOSFETs Q3-Class
IXFH70N30Q3 IXYS-IXFH70N30Q3 Datasheet
138Kb / 5P
   HiperFET Power MOSFETs Q3-Class
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com