Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P177032C3R3M Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P177032C3R3M
Description  SHIELDED SMD POWER INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P177032C3R3M Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P177032C3R3M Datasheet HTML 1Page - MPS Industries, Inc. P177032C3R3M Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
SHIELDED SMD
POWER INDUCTOR
P177032C SERIES
• Lowprofilepackage
• Low DC resistance
• High current handling capacity
• Operating temperature range: -40oC to +85oC
• Storage temperature range: -40oC to +85oC
• RoHS compliant product
Industries
ELECTRICAL SPECIFICATION @ 20OC
Part Number
P177032C-
Inductance
(µH)
(±20%)
DC Resistance
(mΩ)
(±20%)
Rated DC Current
(A)
(Max)
3R3M
3.30
23
1.90
4R7M
4.70
36
1.70
6R8M
6.80
41
1.60
100M
10.00
53
1.40
150M
15.00
75
1.10
220M
22.00
110
0.96
330M
33.00
160
0.75
470M
47.00
240
0.67
680M
68.00
310
0.59
101M
100.00
450
0.45
151M
150.00
650
0.37
221M
220.00
1050
0.29
331M
330.00
1670
0.22
471M
470.00
2050
0.20
681M
680.00
3150
0.16
102M
1000.00
4780
0.13
Inductancemeasuredat100kHz/0.5V
Inductance drop 20% Typical at Idc from initial value
Temperature rise 40 °C Typcial at Idc from 20 °C
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - P177032C3R3M

ManufacturerPart #DatasheetDescription
logo
Semikron International
P17 SEMIKRON-P17 Datasheet
1Mb / 4P
   For capsule devices
P17/130 SEMIKRON-P17/130 Datasheet
1Mb / 4P
   For capsule devices
logo
List of Unclassifed Man...
P170 ETC2-P170 Datasheet
91Kb / 1P
   SSMP FEMALE STRAIGHT SHORT
logo
TT Electronics.
P170 TTELEC-P170 Datasheet
905Kb / 7P
   RoHS compliant
logo
List of Unclassifed Man...
P170-4 ETC2-P170-4 Datasheet
104Kb / 1P
   VHF Lowband Yagis - Superior Construction Means System Reliability
More results

Similar Description - P177032C3R3M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com