Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P170703 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P170703
Description  SHIELDED SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P170703 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P170703 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHIELDED SMD POWER
INDUCTOR
• RoHS Compliant Product
• Inductance measured : < 100µH : 100KHz, 0.25V
RMS
• Inductance measured :
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P170703-XX
0602JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
Mechanical
Schematic
P170703 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
DCR
RATED
±20%
Max
I
DC
P170703-
(µH)
(W)
(A)
1R0
1.0
0.016
7.97
1R5
1.5
0.023
5.5
2R2
2.2
0.027
4.5
3R3
3.3
0.031
4.0
3R9
3.9
0.041
3.8
4R7
4.7
0.048
3.5
5R6
5.6
0.056
3.0
6R8
6.8
0.062
2.5
100
10
0.072
1.68
120
12
0.098
1.52
150
15
0.13
1.33
180
18
0.14
1.20
220
22
0.19
1.07
270
27
0.21
0.96
330
33
0.24
0.91
390
39
0.32
0.77
470
47
0.36
0.76
560
56
0.47
0.68
680
68
0.52
0.61
820
82
0.69
0.57
101
100
0.79
0.50
121
120
0.89
0.49
151
150
1.27
0.43
181
180
1.45
0.39
221
220
1.65
0.35
271
270
2.31
0.32
331
330
2.62
0.28
391
390
2.94
0.26
471
470
4.18
0.24
561
560
4.67
0.22
681
680
5.73
0.19
821
820
6.54
0.18
102
1000
9.44
0.16
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P170703

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P170704 MPSIND-P170704 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P170704-100 MPSIND-P170704-100 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P170704-101 MPSIND-P170704-101 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P170704-102 MPSIND-P170704-102 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
P170704-120 MPSIND-P170704-120 Datasheet
157Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - P170703

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com