Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5403 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5403
Description  FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5403 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5403 Datasheet HTML 4Page - Fairchild Semiconductor FAN5403 Datasheet HTML 5Page - Fairchild Semiconductor FAN5403 Datasheet HTML 6Page - Fairchild Semiconductor FAN5403 Datasheet HTML 7Page - Fairchild Semiconductor FAN5403 Datasheet HTML 8Page - Fairchild Semiconductor FAN5403 Datasheet HTML 9Page - Fairchild Semiconductor FAN5403 Datasheet HTML 10Page - Fairchild Semiconductor FAN5403 Datasheet HTML 11Page - Fairchild Semiconductor FAN5403 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5400 Family • Rev. 1.0.7
8
Electrical Specifications
Unless otherwise specified: according to the circuit of Figure 1; recommended operating temperature range for TJ and TA;
VBUS=5.0V; HZ_MODE; OPA_MODE=0; (Charge Mode); SCL, SDA, OTG=0 or 1.8V; and typical values are for TJ=25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Boost Mode Operation (OPA_MODE=1, HZ_MODE=0)
VBOOST
Boost Output Voltage at VBUS
2.5V < VBAT < 4.5V, ILOAD from 0 to
200mA
4.80
5.07
5.17
V
2.7V < VBAT < 4.5V, ILOAD from 0 to
200mA
4.85
5.07
5.17
IBAT(BOOST)
Boost Mode Quiescent Current
PFM Mode, VBAT=3.6V, IOUT=0
140
300
A
ILIMPK(BST)
Q2 Peak Current Limit
1100
1380
1660
mA
UVLOBST
Minimum Battery Voltage for Boost
Operation
While Boost Active
2.42
V
To Start Boost Regulator
2.58
2.70
VBUS Load Resistance
RVBUS
VBUS to PGND Resistance
Normal Operation
1500
K
Charger Validation
100
Protection and Timers
VBUSOVP
VBUS Over-Voltage Shutdown
VBUS Rising
6.09
6.29
6.49
V
Hysteresis
VBUS Falling
100
mV
ILIMPK(CHG)
Q1 Cycle-by-Cycle Peak Current
Limit
Charge Mode
2.3
A
VSHORT
Battery Short-Circuit Threshold
VBAT Rising
1.95
2.00
2.05
V
Hysteresis
VBAT Falling
100
ISHORT
Linear Charging Current
VBAT < VSHORT
20
30
40
mA
TSHUTDWN
Thermal Shutdown Threshold
(6)
TJ Rising
145
°C
Hysteresis
(6)
TJ Falling
10
TCF
Thermal Regulation Threshold
(6)
Charge Current Reduction Begins
120
°C
tINT
Detection Interval
2.1
s
t32S
32-Second Timer
(7)
Charger Enabled
20.5
25.2
28.0
s
Charger Disabled
18.0
25.2
34.0
t15MIN
15-Minute Timer
15-Minute Mode (FAN5400,
FAN5402, FAN5404, FAN5405)
12.0
13.5
15.0
min
∆tLF
Low-Frequency Timer Accuracy
Charger Inactive
–25
25
%
Notes:
4.
Negative current is current flowing from the battery to VBUS (discharging the battery).
5.
Q2 always turns on for 60ns, then turns off if current is below ISYNC.
6.
Guaranteed by design; not tested in production.
7.
This tolerance (%) applies to all timers on the IC, including soft-start and deglitching timers.


Similar Part No. - FAN5403

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5403 FAIRCHILD-FAN5403 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
FAN5403UCX FAIRCHILD-FAN5403UCX Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
More results

Similar Description - FAN5403

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54010 FAIRCHILD-FAN54010 Datasheet
1Mb / 37P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC811 SEMTECH-SC811 Datasheet
373Kb / 23P
   Adapter/USB Tri-Mode Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com