Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCR400W Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BCR400W
Description  Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCR400W Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Nov-27-1996
BCR 400W
Collector current
TA = f(IC)
of stabilized NPN Transistor
Parameter:
Rext.(Ω)
-40 -20
0
20
40
60
80 100 120 °C 160
T
A
-1
10
0
10
1
10
2
10
3
10
mA
I
C
2.2
6
26
65
290
760
4.3k
Control current
I = f(Rext.)
in current source application
10
-1
10
0
10
1
10
2
KOhm
R
ext.
-1
10
0
10
1
10
mA
I
Contr.
Control current
I = f(TA)
in current source application
-20
0
20
40
60
°C
100
T
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
mA
1.5
I
Contr.
Control current
I = f(VS)
in current source application
0
1
2
3
4
5
6
7
8
V
10
V
S
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
mA
2.0
I
Contr.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn