Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR400W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BCR400W
Description  Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCR400W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Semiconductor Group
2
Nov-27-1996
BCR 400W
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Additional current consumption
VS = 3 V
I0
-
20
40
µA
Lowest stabilizing current
VS = 3 V
Imin
-
0.1
-
mA
DC Characteristics with stabilized NPN-Transistors
Lowest sufficient battery voltage
IB (NPN) < 0.5 mA
VSmin
-
1.6
-
V
Voltage drop
(VS - VCE)
IC = 25 mA
Vdrop
-
0.65
-
Change of
IC versus hFE
hFE > 50
∆IC/IC
-
0.08
-
∆hFE/hFE
Change of
IC versus VS
VS > 3 V
∆I
C/IC
-
0.15
-
∆VS/VS
Change of
IC versus TA
∆IC/IC
-
0.2
-
%/K


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn