Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10DR73 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P10DR73
Description  SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P10DR73 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P10DR73 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Inductance measured : < 100µH : 100KHz, 0.25V
RMS
• Inductance measured :
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: J=±5%, K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P10DR73-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
P10DR73 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
DCR
RATED
±20%
Max
I
DC
P10DR73-
(µH)
(mW)(A)
1R0
1.0
10
6.00
1R5
1.5
13
5.80
2R2
2.2
18
5.20
3R3
3.3
25
4.00
4R7
4.7
35
3.50
5R6
5.6
40
3.00
6R8
6.8
50
2.50
8R2
8.2
60
2.00
100
10
80
1.44
120
12
90
1.39
150
15
100
1.24
180
18
110
1.12
220
22
130
1.07
270
27
150
0.94
330
33
170
0.85
390
39
220
0.74
470
47
250
0.68
±10%
560
56
280
0.64
680
68
330
0.59
820
82
410
0.54
101
100
480
0.51
121
120
540
0.49
151
150
750
0.40
181
180
1020
0.36
221
220
1200
0.31
271
270
1310
0.29
331
330
1500
0.28
391
390
1850
0.25
471
470
2200
0.22
561
560
2600
0.20
681
680
3200
0.18
821
820
3900
0.16
102
1000
4500
0.15


Similar Part No. - P10DR73

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P10DR75 MPSIND-P10DR75 Datasheet
179Kb / 1P
   SMD POWER INDUCTOR
P10DR75-100 MPSIND-P10DR75-100 Datasheet
179Kb / 1P
   SMD POWER INDUCTOR
P10DR75-101 MPSIND-P10DR75-101 Datasheet
179Kb / 1P
   SMD POWER INDUCTOR
P10DR75-102 MPSIND-P10DR75-102 Datasheet
179Kb / 1P
   SMD POWER INDUCTOR
P10DR75-120 MPSIND-P10DR75-120 Datasheet
179Kb / 1P
   SMD POWER INDUCTOR
More results

Similar Description - P10DR73

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com