Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BCR400R Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BCR400R
Description  Active Bias Controller (Supplies stable bias current even at low battery voltage and extreme ambient temperature variation)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCR400R Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Semiconductor Group
3
Nov-27-1996
BCR 400R
Collector current
IC = f(hFE)
IC and hFE refer to stabilized NPN Transistor
Parameter
Rext. (Ω)
0
50
100
150
200
250
-
350
h
FE
-1
10
0
10
1
10
2
10
3
10
mA
I
C
760
67
5.9
Collector Current
IC = f(VS)
of stabilized NPN Transistor
Parameter
Rext. (Ω)
0
2
4
6
8
V
11
V
S
-1
10
0
10
1
10
2
10
3
10
mA
I
C
2.1
5.9
12.4
67
760
4.3k
Voltage drop
Vdrop = f(IC)
10
-2
10
-1
10
0
10
1
10
2
10
3
mA
I
C
0.5
0.6
0.7
0.8
V
1.0
V
drop
Collector current
IC = f(Rext.)
of stabilized NPN Transistor
10
0
10
1
10
2
10
3
Ohm
R
ext.
-1
10
0
10
1
10
2
10
3
10
mA
I
C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn