Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 18 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 18 Page - Winbond

Back Button W9412G2IB Datasheet HTML 14Page - Winbond W9412G2IB Datasheet HTML 15Page - Winbond W9412G2IB Datasheet HTML 16Page - Winbond W9412G2IB Datasheet HTML 17Page - Winbond W9412G2IB Datasheet HTML 18Page - Winbond W9412G2IB Datasheet HTML 19Page - Winbond W9412G2IB Datasheet HTML 20Page - Winbond W9412G2IB Datasheet HTML 21Page - Winbond W9412G2IB Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 18 -
Revision A06
7.10.6 Extended Mode Register field
1) DLL Switch field (A0)
This bit is used to select DLL enable or disable
A0
DLL
0
Enable
1
Disable
2) Output Driver Strength Control field (A6, A1)
The 100%, 60% and 30% or matched impedance driver strength are required Extended Mode
Register Set (EMRS) as the following:
A6
A1
BUFFER STRENGTH
0
0
100% Strength
0
1
60% Strength
1
0
Reserved
1
1
30% Strength
7.10.7 Reserved field
• Test mode entry bit (A7)
This bit is used to enter Test mode and must be set to “0” for normal operation.
• Reserved bits (A9, A10, A11)
These bits are reserved for future operations. They must be set to “0” for normal operation.


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com