Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10DR32-1R2 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P10DR32-1R2
Description  SMD POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P10DR32-1R2 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P10DR32-1R2 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Inductance measured : < 100µH : 100KHz, 0.25V
RMS
• Inductance measured :
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: J=±5%, K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P10DR32-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
P10DR32 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
DCR
RATED
±20%
Max
I
DC
P10DR32-
(µH)
(mW)(A)
1R0
1.0
45
2.70
1R2
1.2
50
2.50
1R5
1.5
55
2.30
1R8
1.8
70
2.00
2R2
2.2
85
1.85
2R7
2.7
100
1.70
3R3
3.3
110
1.60
3R9
3.9
120
1.50
4R7
4.7
150
1.35
5R6
5.6
160
1.30
6R8
6.8
180
1.20
8R2
8.2
200
1.05
100
10
230
0.76
120
12
270
0.68
150
15
310
0.64
180
18
410
0.53
220
22
470
0.50
±10%
270
27
660
0.41
330
33
760
0.38
390
39
850
0.36
470
47
970
0.33
560
56
1250
0.29
680
68
1450
0.28
820
82
1850
0.24
101
100
2200
0.22
121
120
2290
0.19
151
150
3400
0.17
181
180
3900
0.16
221
220
4500
0.15
270
270
6000
0.14
331
330
7000
0.13


Similar Part No. - P10DR32-1R2

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P10DR105 MPSIND-P10DR105 Datasheet
178Kb / 1P
   SMD POWER INDUCTOR
P10DR105-100 MPSIND-P10DR105-100 Datasheet
178Kb / 1P
   SMD POWER INDUCTOR
P10DR105-101 MPSIND-P10DR105-101 Datasheet
178Kb / 1P
   SMD POWER INDUCTOR
P10DR105-102 MPSIND-P10DR105-102 Datasheet
178Kb / 1P
   SMD POWER INDUCTOR
P10DR105-120 MPSIND-P10DR105-120 Datasheet
178Kb / 1P
   SMD POWER INDUCTOR
More results

Similar Description - P10DR32-1R2

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com