Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64BVSSIG Datasheet(PDF) 58 Page - Winbond

Part # W25Q64BVSSIG
Description  64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64BVSSIG Datasheet(HTML) 58 Page - Winbond

Back Button W25Q64BVSSIG Datasheet HTML 53Page - Winbond W25Q64BVSSIG Datasheet HTML 54Page - Winbond W25Q64BVSSIG Datasheet HTML 55Page - Winbond W25Q64BVSSIG Datasheet HTML 56Page - Winbond W25Q64BVSSIG Datasheet HTML 57Page - Winbond W25Q64BVSSIG Datasheet HTML 58Page - Winbond W25Q64BVSSIG Datasheet HTML 59Page - Winbond W25Q64BVSSIG Datasheet HTML 60Page - Winbond W25Q64BVSSIG Datasheet HTML 61Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
W25Q64BV
- 58 -
13.4 16-Pin SOIC 300-mil (Package Code SF)
GAUGE PLANE
DETAIL A
GAUGE PLANE
DETAIL A
MILLIMETERS
INCHES
SYMBOL
Min
Nom
Max
Min
Nom
Max
A
2.36
2.49
2.64
0.093
0.098
0.104
A1
0.10
---
0.30
0.004
---
0.012
A2
---
2.31
---
---
0.091
---
b
0.33
0.41
0.51
0.013
0.016
0.020
C
0.18
0.23
0.28
0.007
0.009
0.011
D
10.08
10.31
10.49
0.397
0.406
0.413
E
10.01
10.31
10.64
0.394
0.406
0.419
E1
7.39
7.49
7.59
0.291
0.295
0.299
e
(2)
1.27 BSC.
0.050 BSC.
L
0.38
0.81
1.27
0.015
0.032
0.050
y
---
---
0.076
---
---
0.003
θ
---
---
Notes:
1. Controlling dimensions: inches, unless otherwise specified.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the package.


Similar Part No. - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAG WINBOND-W25Q64CVDAAG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAP WINBOND-W25Q64CVDAAP Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAIG WINBOND-W25Q64CVDAIG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV_13 Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com