Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64BVSSIG Datasheet(PDF) 48 Page - Winbond

Part # W25Q64BVSSIG
Description  64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64BVSSIG Datasheet(HTML) 48 Page - Winbond

Back Button W25Q64BVSSIG Datasheet HTML 44Page - Winbond W25Q64BVSSIG Datasheet HTML 45Page - Winbond W25Q64BVSSIG Datasheet HTML 46Page - Winbond W25Q64BVSSIG Datasheet HTML 47Page - Winbond W25Q64BVSSIG Datasheet HTML 48Page - Winbond W25Q64BVSSIG Datasheet HTML 49Page - Winbond W25Q64BVSSIG Datasheet HTML 50Page - Winbond W25Q64BVSSIG Datasheet HTML 51Page - Winbond W25Q64BVSSIG Datasheet HTML 52Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
W25Q64BV
- 48 -
12. ELECTRICAL CHARACTERISTICS
12.1 Absolute Maximum Ratings (1)
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
–0.6 to +4.0
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.6 to VCC+0.4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
–2.0V to VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Lead Temperature
TLEAD
See Note (2)
°C
Electrostatic Discharge Voltage
VESD
Human Body Model(3)
–2000 to +2000
V
Notes:
1. This device has been designed and tested for the specified operation ranges. Proper operation outside
of these levels is not guaranteed. Exposure to absolute maximum ratings may affect device reliability.
Exposure beyond absolute maximum ratings may cause permanent damage.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and
the European directive on restrictions on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms).
12.2 Operating Ranges
SPEC
PARAMETER
SYMBOL CONDITIONS
MIN MAX
UNIT
Supply Voltage(1)
VCC
FR = 80MHz, fR = 33MHz
FR = 50MHz (for E3h command)
2.7
3.0
3.6
3.6
V
Ambient Temperature, Operating
TA
Commercial
Industrial
0
–40
+70
+85
°C
Note:
1. VCC voltage during Read can operate across the min and max range but should not exceed ±10% of
the programming (erase/write) voltage.


Similar Part No. - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAG WINBOND-W25Q64CVDAAG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAAP WINBOND-W25Q64CVDAAP Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CVDAIG WINBOND-W25Q64CVDAIG Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q64BVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64CV WINBOND-W25Q64CV_13 Datasheet
1Mb / 80P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64CV WINBOND-W25Q64CV Datasheet
1Mb / 79P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com