Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q16BV Datasheet(PDF) 68 Page - Winbond

Part # W25Q16BV
Description  16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q16BV Datasheet(HTML) 68 Page - Winbond

Back Button W25Q16BV Datasheet HTML 60Page - Winbond W25Q16BV Datasheet HTML 61Page - Winbond W25Q16BV Datasheet HTML 62Page - Winbond W25Q16BV Datasheet HTML 63Page - Winbond W25Q16BV Datasheet HTML 64Page - Winbond W25Q16BV Datasheet HTML 65Page - Winbond W25Q16BV Datasheet HTML 66Page - Winbond W25Q16BV Datasheet HTML 67Page - Winbond W25Q16BV Datasheet HTML 68Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
W25Q16BV
- 68 -
15. REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A
08/24/08
New Create Preliminary
B
02/12/09
03/09/09
03/11/09
03/13/09
13, 14, 17, 51,
55, 63 & 64
63
5
13
Added Erase Suspend Status Bit
Removed HPM instruction
Updated max. read frequency
Updated Ordering Information
Added note 2b.
Change Active Current to 4mA
Change QE pin to QE Bit
C
04/23/09
04/30/09
04/30/09
5,7,9,61,65,66
54
54
Added PDIP Package.
Dual Data Read Icc3 1MHz Max = 8.5ma
Quad Data Read Icc3 1MHz Max = 10ma
D
08/20/09
5, 67
60-65
42, 43
50
Special Order Notes
Updated package diagram
Updated Erase Suspend/Resume descriptions
UID Waveform Corrected
E
11/04/09
68
4
47
51
Removed Preliminiary designator
Corrected PDF TOC error
Update 90h Waveform Diagram
Update 9Fh Waveform Diagram
F
07/08/10
60-65
55, 58
Updated Package Diagrams
Updated parameter VIL/VIH, tSE
Trademarks
Winbond and SpiFlash are trademarks of Winbond Electronics Corporation.
All other marks are the property of their respective owner.
Important Notice
Winbond products are not designed, intended, authorized or warranted for use as components in systems
or equipment intended for surgical implantation, atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, or for
other applications intended to support or sustain life. Further more, Winbond products are not intended
for applications wherein failure of Winbond products could result or lead to a situation wherein personal
injury, death or severe property or environmental damage could occur.
Winbond customers using or selling these products for use in such applications do so at their own risk
and agree to fully indemnify Winbond for any damages resulting from such improper use or sales.


Similar Part No. - W25Q16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16 WINBOND-W25Q16 Datasheet
1Mb / 61P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
List of Unclassifed Man...
W25Q16 ETC-W25Q16 Datasheet
588Kb / 15P
   Arduino MKR WAN 1310
12/23/2020
logo
Winbond
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CLDAIG WINBOND-W25Q16CLDAIG Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q16BV

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV Datasheet
1Mb / 79P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVSSIG WINBOND-W25Q16DVSSIG Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVDAIG-TR WINBOND-W25Q16DVDAIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL_13 Datasheet
2Mb / 72P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CV WINBOND-W25Q16CV_13 Datasheet
1Mb / 81P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16CL WINBOND-W25Q16CL Datasheet
2Mb / 77P
   2.5V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16DVUUIG-TR WINBOND-W25Q16DVUUIG-TR Datasheet
1Mb / 80P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16JV WINBOND-W25Q16JV Datasheet
2Mb / 75P
   3V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com