Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6001BIG325TP Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS6001BIG325TP
Description  A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001BIG325TP Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS6001BIG325TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS6001
TS6001DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. See Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25°C
TS6001A
2.498
2.500
2.502
V
-0.08
0.08
%
TS6001B
2.496
2.500
2.504
V
-0.16
0.16
%
Output Voltage Temperature
Coefficient (See Note 2)
TCVOUT
0°C
≤ T
A ≤ +85°C
TS6001A
2
7
ppm/°C
-40°C
≤ T
A ≤ +85°C
2.5
10
0°C
≤ T
A ≤ +85°C
TS6001B
3
10
-40°C
≤ T
A ≤ +85°C
4
15
Line Regulation
(
ΔV
OUT/VOUT)
/
ΔV
IN
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
10
30
ppm/V
Load Regulation
(
ΔV
OUT/VOUT)
/
ΔI
OUT
Sourcing
0 ≤ I
OUT ≤ 500μA
30
240
ppm/mA
Sinking
-
500μA ≤ I
OUT ≤ 0
70
320
Dropout Voltage (See Note 3)
VIN -VOUT
IOUT = 500μA
75
150
mV
OUT Short-Circuit Current
ISC
VOUT Short to GND
4
mA
VOUT Short to IN
4
Temperature Hysteresis
(See Note 4)
100
ppm
Long-Term Stability
(See Note 5)
ΔV
OUT/ time
168hr at TA = +25°C
75
ppm/
168hr
DYNAMIC
Noise Voltage
eOUT
f = 0.1Hz to 10Hz
50
μV
P-P
f = 10Hz to 10kHz
75
μV
RMS
Ripple Rejection
ΔV
OUT/ ΔVIN
VIN = 5V ±100mV, f = 120Hz
82
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value, COUT = 50 pF
340
μs
Capacitive-Load Stability
Range
COUT
See Note 6
0
2200
pF
INPUT
Supply Voltage Range
VIN
Guaranteed by line-regulation test
VOUT + 0.2
12.6
V
Quiescent Supply Current
IIN
31
35
μA
Change in Supply Current
IIN/VIN
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
0.1
0.2
μA/V
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = TMIN to TMAX, as specified.
Note 2:
Temperature Coefficient is measured by the “box” method; i.e., the maximum ΔV
OUT is divided by the maximum ΔT.
Note 3: Dropout voltage is the minimum input voltage at which VOUT changes ≤0.2% from VOUT at VIN = 5.0V.
Note 4: Temperature hysteresis is defined as the change in the +25°C output voltage before and after cycling the device from +25°C to TMIN to
+25°C and from +25°C to TMAX to +25°C.
Note 5: Reference long-term drift or stability listed in the table is an intermediate result of a 1000-hour evaluation. Soldered onto a printed
circuit board (pcb), voltage references exhibit more drift early in the evaluation because of assembly-induced differential stresses
between the package and the pcb.
Note 6: Not production tested; guaranteed by design.


Similar Part No. - TS6001BIG325TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Similar Description - TS6001BIG325TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001A TOUCHSTONE-TS6001A Datasheet
849Kb / 12P
   A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com