Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6001BIG325TP Datasheet(PDF) 9 Page - Touchstone Semiconductor Inc

Part # TS6001BIG325TP
Description  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001BIG325TP Datasheet(HTML) 9 Page - Touchstone Semiconductor Inc

Back Button TS6001BIG325TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 11Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 12Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TS6001
TS6001DS r1p0
Page 9
RTFDS
improved output current accuracy, ISET should be at
least 10 times IQSC.
A Negative, Precision Voltage Reference without
Precision Resistors
When using current-output DACs, it is oftentimes
desired that the polarity of the output signal voltage
is the same as the external reference voltage. There
are two conventional techniques used to accomplish
this objective: a) inverting the full-scale DAC output
voltage or b) converting a current-output DAC into a
voltage-switching DAC. In the first technique, an op
amp and pair of precision resistors would be
required because the DAC’s output signal voltage
requires re-inversion to match the polarity of the
external reference voltage. The second technique is
a bit more involved and requires converting the
current-output DAC into a voltage-switching DAC by
driving the DAC’s VREF and IOUT terminals in
reverse. Additional components required are two
precision resistors, an op amp, and an external
voltage reference, typically a 1.25-V reference. If the
1.25-V full-scale output voltage requires scaling to a
2.5-V or a 5-V full scale, then a second op amp and
pair of precision resistors would be necessary to
perform the amplification.
To avoid the need for either re-inversion of the
current-
switching DAC’s output voltage or amplifying
the voltage-swi
tching DAC’s output voltage, it would
then be desired to apply a negative voltage
reference to the original current-switching DAC. In
general, any positive voltage reference can be
converted into a negative voltage reference using
pair of matched resistors and an op amp configured
for inverting mode operation. The disadvantage to
this approach is that the largest single source of
error in the circuit is the relative matching of the
resistors used.
The circuit illustrated in Figure 5 avoids the need for
multiple op amps and well-matched resistors by
using an active integrator circuit. In this circuit, the
voltage reference’s output is used as the input signal
to the integrator. Because of op amp loop action, the
integrator adjusts its output voltage to establish the
correct relationship between the reference’s OUT
and GND terminals (=VREF). In other words, the
output voltage polarity of the integrator stage is
opposite that of the reference’s output voltage.
The 2200pF capacitor at the output of the TS6001 is
optional and the resistor in series with the output of
the op amp should be empirically determined based
on the amplifier choice and whether the amplifier is
required to drive a large capacitive load.
Rail-to-rail output op amps used for the integrator
stage work best in this application; however, these
types of op amps require a finite amount of
headroom (in the millivolt range) when sinking load
current. Therefore, good engineering judgment is
always recommended when selecting the most
appropriate negative supply for the circuit.
How to Use the TS6001 in a High-Input Voltage
Floating Current Source
By adopting the technique previously shown in
Figure 2, the basic floating current source circuit can
be adapted to operate at much higher supply
voltages beyond the supply voltage rating of the
TS6001-2.5 by adding a discrete n-channel JFET.
As shown in Figure 6, the JFET acts as a supply
voltage regulator since its source voltage will always
be 2.5V higher than VSY. The circuit minimizes
reference IC self-heating because the JFET and the
2N3904 NPN transistor carry the load current. This
circuit can operate up to +35V and is determined by
the BVDS breakdown voltage of the external JFET.
Figure 4: A Low-power, General-Purpose Current
Source.
Figure 5: How to Convert a VREF to a –VREF without
Precision Resistors.


Similar Part No. - TS6001BIG325TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Similar Description - TS6001BIG325TP

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com