Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6001AIG325T Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS6001AIG325T
Description  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001AIG325T Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS6001AIG325T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001AIG325T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TS6001
TS6001DS r1p0
Page 5
RTFDS
Power Supply Rejection vs Frequency
0.1Hz to 10Hz Output Noise
FREQUENCY - Hz
1
10
1k
0.1
100
10k
0.1
1
100
1M
10k
1s/DIV
200µs/DIV
Power-On Transient Response
Supply Current vs Input Voltage
INPUT VOLTAGE - Volt
20
28
36
40
8
12
2
14
32
10
Supply Current vs Temperature
TEMPERATURE -
°C
VCC = +2.5V, +5.5V
VCC =+12.5V
-40
-15
10
35
85
60
25
35
20
30
40
Output Impedance vs Frequency
VCC =+7.5V
4
6
24
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = +5V; IOUT = 0mA; TA = +25
°C, unless otherwise noted.
46µVPP
FREQUENCY - Hz
VCC =+5.5V±0.25V
1
10
0.01
100
100
1k
10k
1M
100k
0.1


Similar Part No. - TS6001AIG325T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001AIG325T TOUCHSTONE-TS6001AIG325T Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Silicon Laboratories
TS6001AIG325T SILABS-TS6001AIG325T Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
Touchstone Semiconducto...
TS6001AIG325TP TOUCHSTONE-TS6001AIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Similar Description - TS6001AIG325T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com