Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17598 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX17598
Description  Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17598 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX17598 Datasheet HTML 14Page - Maxim Integrated Products MAX17598 Datasheet HTML 15Page - Maxim Integrated Products MAX17598 Datasheet HTML 16Page - Maxim Integrated Products MAX17598 Datasheet HTML 17Page - Maxim Integrated Products MAX17598 Datasheet HTML 18Page - Maxim Integrated Products MAX17598 Datasheet HTML 19Page - Maxim Integrated Products MAX17598 Datasheet HTML 20Page - Maxim Integrated Products MAX17598 Datasheet HTML 21Page - Maxim Integrated Products MAX17598 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 18
MAX17598/MAX17599
Low IQ, Wide-Input Range, Active Clamp
Current-Mode PWM Controllers
n-Channel MOSFET Gate Driver
The NDRV output drives an external n-channel MOSFET.
NDRV can source/sink in excess of 900mA /1500mA
peak current. Therefore, select a MOSFET that yields
acceptable conduction and switching losses.
p-Channel MOSFET Gate Driver
The AUXDRV output drives an external p-channel
MOSFET with the aid of a level shifter, as shown in the
Typical Application Circuits. AUXDRV can source/sink in
excess of 300mA/600mA peak current. Therefore, select
a MOSFET that yields acceptable conduction and switch-
ing losses. The external PMOSFET used must be able to
withstand the maximum clamp voltage.
Dead Time
Dead time between the main and AUX output edges allow
ZVS to occur, minimizing switching losses and improving
efficiency. The dead time (tDT) is applied to both leading
and trailing edges of the main and AUX outputs as shown
in Figure 7. Connect a resistor between DT and GND to
set tDT to any value between 25ns and 250ns:
DT
DT
10k
R
(t
)
25ns
W
=
×
Oscillator/Switching Frequency
The ICs’ switching frequency is programmable between
100kHz and 1MHz with a resistor RRT connected between
RT and GND. Use the following formula to determine the
appropriate value of RRT needed to generate the desired
output switching frequency (fSW):
10
RT
SW
1 10
R
f
×
=
where fSW is the desired switching frequency.
Peak-Current-Limit
The current-sense resistor (RCS), connected between the
source of the n-channel MOSFET and PGND, sets the
current limit. The source end of the current-sense resis-
tor connects to the CS pin of the MAX17598/MAX17599.
The signal thus obtained is used by the devices,
both for current-mode control and peak-current limiting
purposes. The current-limit comparator has a voltage trip
level (VCS-PEAK) of 300mV, and is independent of slope
compensation applied to stabilize the converter. The
following equation is used to calculate the value of RCS:
CS
PRI_PEAK
300mV
R
1.2 I
=
×
where IPRI_PEAK is the peak current in the primary side
of the transformer, which also flows through the main
n-channel MOSFET. When the voltage produced by this
current (through the current-sense resistor) exceeds the
current-limit comparator threshold, the MOSFET driver
(NDRV) terminates the current on-cycle within 40ns (typ).
The devices implement 70ns of internal leading-edge
blanking to ignore leading-edge current spikes encoun-
tered in practice due to parasitics. Use a small RC
network for additional filtering of the leading-edge spike
on the sense waveform when needed. Set the corner
frequency of the RC filter network at 5 to 10 times the
switching frequency.
For a given peak-current-limit setting, the runaway cur-
rent limit is typically 20% higher. The peak current-limit-
triggered hiccup operation is disabled until the end of
soft-start, while the runaway current-limit-triggered hiccup
operation is always enabled.
Negative Peak Current Limit
The MAX17598/MAX17599 protect against excessive
negative currents through the clamp switch, primary of
the transformer and the clamp capacitor under dynamic
operating conditions where the converter is not in steady
state. The devices limit negative current by monitoring
the voltage across RCS, while the AUXDRV output is low
and the p-Channel FET is on. The typical negative-cur-
rent-limit threshold is set at -100mV (1/3 of the positive-
peak-current-limit threshold).
Figure 7. Dead Time Between AUXDRV and NDRV
AUXDRV
NDRV
DEAD TIME, tDT


Similar Part No. - MAX17598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17598ATE++ MAXIM-MAX17598ATE+ Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
2014
MAX17598EVKIT MAXIM-MAX17598EVKIT Datasheet
685Kb / 10P
   Active-Clamp Forward Converter Topology
Rev 1; 4/14
MAX17598 MAXIM-MAX17598_13 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Rev 1; 3/13
MAX17598 MAXIM-MAX17598_V01 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
2014
More results

Similar Description - MAX17598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17598 MAXIM-MAX17598_13 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
Rev 1; 3/13
MAX17598 MAXIM-MAX17598_V01 Datasheet
1Mb / 24P
   Low IQ, Wide-Input Range, Active Clamp Current-Mode PWM Controllers
2014
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com