Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267450AIUZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL267450AIUZ
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267450AIUZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL267450AIUZ Datasheet HTML 5Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 6Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 7Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 8Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 9Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 10Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 11Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 12Page - Intersil Corporation ISL267450AIUZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ISL267440, ISL267450A
9
FN7708.0
December 5, 2011
FIGURE 11. CHANGE IN DNL vs VREF FOR THE ISL267450A FOR
VDD = 5V
FIGURE 12. CHANGE IN INL vs VREF FOR THE ISL267450A FOR
VDD =3V
FIGURE 13. CHANGE IN DNL VS. VREF FOR THE ISL267450A FOR
VDD =3V
FIGURE 14. CHANGE IN OFFSET ERROR vs REFERENCE VOLTAGE
FOR VDD = 5V AND 3V FOR THE ISL267450A
FIGURE 15. CHANGE IN INL vs VREF FOR THE ISL267450A FOR
VDD =5V
FIGURE 16. CHANGE IN ENOB vs REFERENCE VOLTAGE FOR
VDD = 5V AND 3V FOR THE ISL267450A
Typical Performance Characteristics (Continued)
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
Neg DNL
Pos DNL
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
Neg INL
Pos INL
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
2.5
VREF (V)
Neg DNL
Pos DNL
-2
-1
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
3V VDD
5V VDD
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VREF (V)
Neg INL
Pos INL
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
0.00.5
1.01.5
2.02.5
3.0
3.5
VREF (V)
5V VDD
3V VDD


Similar Part No. - ISL267450AIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267450AIUZ INTERSIL-ISL267450AIUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267450AIUZ RENESAS-ISL267450AIUZ Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450AIUZ-T INTERSIL-ISL267450AIUZ-T Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267450AIUZ-T RENESAS-ISL267450AIUZ-T Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267450AIUZ-T7A INTERSIL-ISL267450AIUZ-T7A Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267450AIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
   12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
   12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
   Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com