Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74408943330 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74408943330
Description  POWER CHOKE WE-SPC 4838
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74408943330 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74408943330 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943330 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943330 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
size
@@FRM 1@@
Eigenschaften / properties
Wert / value
Einheit / unit
tol.
Induktivität /
inductance
DC-Widerstand /
DC-resistance
DC-Widerstand /
DC-resistance
Nennstrom /
rated Current
Sättigungsstrom /
saturation current
Eigenres.-Frequenz /
self-res.-fequency
33%
Umgebungstemperatur / temperature:
+20°C
Ferrit/ ferrite
CZ
11-10-05
CZ
11-02-25
Name
Datum / date
Isat
A
1,2
IR
m
W
@ 20°C
m
W
typ.
fres
max.
POWER CHOKE WE-SPC 4838
µH
RDC max.
L
A Mechanische Abmessungen / dimensions:
100 kHz / 1mA
RDC typ.
@ 20°C
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2011-10-05
max.
Testbedingungen /
test conditions
298
±20%
259
33
Kunde / customer :
http://www.we-online.de
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
74408943330
SPEICHERDROSSEL WE-SPC 4838
Artikelnummer / part number :
Endoberfläche / finishing electrode:
Ag/Ni/Sn
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
Umgebungstemp. / ambient temperature: -40°C - + 85°C
typ.
typ.
0,9
A
E Testbedingungen / test conditions:
D Prüfgeräte / test equipment:
14
MHz
DT = 40 K
|DL/L| - 35%
Freigabe erteilt / general release:
Kunde / customer
...............................................
............................................
Class H /180°C
Luftfeuchtigkeit / humidity:
F Werkstoffe & Zulassungen / material & approvals:
G Eigenschaften / general specifications:
Metra HIT 27I für/for RDC
Dostmann T900 für/for IR;
WAYNE KERR 3260B für/for L
; Isat
Basismaterial / base material:
Draht / wire:
Geprüft / checked
Würth Elektronik
..................................................................................
4838
Änderung / modification
Version 1
Version 3
Betriebstemp. / operating temperature: -40°C - + 125°C
Agilent E4991A für/for fres
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
[mm]
SEITE 1 VON 3


Similar Part No. - 74408943330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744089430022 WURTH-744089430022 Datasheet
533Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089430039 WURTH-744089430039 Datasheet
543Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089430056 WURTH-744089430056 Datasheet
531Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089430082 WURTH-744089430082 Datasheet
537Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943010 WURTH-74408943010 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
More results

Similar Description - 74408943330

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74408943100 WURTH-74408943100 Datasheet
196Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943680 WURTH-74408943680 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943010 WURTH-74408943010 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943220 WURTH-74408943220 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943470 WURTH-74408943470 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943033 WURTH-74408943033 Datasheet
265Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943047 WURTH-74408943047 Datasheet
257Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943022 WURTH-74408943022 Datasheet
264Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943068 WURTH-74408943068 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943101 WURTH-74408943101 Datasheet
268Kb / 3P
   POWER CHOKE WE-SPC 4838
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com