Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS26302DJTRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS26302DJTRPBF
Description  FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS26302DJTRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS26302DJTRPBF Datasheet HTML 7Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 8Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 9Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 10Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 11Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 12Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 13Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 14Page - International Rectifier IRS26302DJTRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
IRS26302DJ
www.irf.com
© 2009 International Rectifier
11
Dynamic Electrical Characteristics
VCC= VB = 15 V, VS = VSS = COM, TA = 25
oC, and C
L = 1000 pF unless otherwise specified.
Symbol Definition
Min
Typ
Max
Units
Test Conditions
tITRIPPFC/tITRI
PBR
ITRIP to PFCout/BRout shutdown
propagation delay
400
620
850
VITRIP = -1 V ≥ 2 V to
PFCOUT/BROUT = 15 V ≥ 0 V
tPFCTRIPFLT
/tBRTRIPFLT
PFCTRIP/BRTRIP to fault time
700
1000
1500
VPFCTRIP/VBRTRIP = 1V ≥
-1.5 V V to FLT/En = 3.3 V ≥
0 V
tPFCTRIPOUT
/tBRTRIPOUT
PFCTRIP/BRTRIP to output
shutdown propagation delay
400
600
950
VPFCTRIP/VBRTRIP = 1V ≥
-1.5 V to LOx/Hox = 15 V ≥ 0
V
tPFCTRIPPFC
/tBRTRIPPFC
PFCTRIP/BRTRIP to PFC output
shutdown propagation delay
320
500
850
VPFCTRIP/VBRTRIP = 1V ≥
-1.5 V to PFCOUT = 15 V ≥ 0 V
tPFCTRIPBLK
/tBRTRIPBLK
PFCTRIP/BRTRIP blanking time
150
450
750
tGFTRIPFLT
GFTRIP to fault time
1000
1400
1800
VGF = VDC ≥ VDC -1 V to
FLT/En = 15 V ≥ 0 V
tGFTRIPOUT
GFTRIP to output shutdown
propagation delay
700
1000
1300
VGF = VDC ≥ VDC -1 V to
LOx/Hox = 15 V ≥ 0 V
tGFTRIPPFC
GFTRIP to PFC output shutdown
propagation delay
600
900
1200
VGF = VDC ≥ VDC -1 V to
PFCOUT = 15 V ≥ 0 V
tGFTRIPBLK
GFTRIP blanking time
150
300
550
tENOUT
EN on to output propagation delay
300
400
500
VEN = 0 V ≥ 3.3 V, LINx/HINx
= 3.3 V to LOx/Hox = 0 V ≥ 15
V
tSDOUT
EN off to output shutdown
propagation delay
320
440
560
VEN = 3.3 V ≥ 0 V, LINx/HINx
= 3.3 V to LOx/Hox = 15 V ≥ 0
V
tENPFC/tENB
R
EN on to PFC/Brake output
propagation delay
200
320
500
VEN = 0 V ≥ 3.3 V ,
PFCIN/BRIN = 3.3 V to
PFCOUT/BROUT = 0 V ≥ 15 V
tSDPFC/tSDB
R
EN off to output shutdown PFC/Brake
propagation delay
200
360
500
VEN = 3.3 V ≥ 0 V,
PFCIN/BRIN = 3.3 V to
PFCOUT/BROUT =15 V ≥ 0 V
tHANDSHAKE
Input to Hand shake mode delay
tDIAGIN
Input to DIAG mode in delay
tDIAGOUT
Input to DIAG mode out delay
300
500
700
ns
See fault diagnostic state
diagram
Note 1: A shoot-through prevention logic prevents LO1,2,3 and HO1,2,3 for each channel from turning on simultaneously.
Note 2: UVCC is not latched, when VCC > UVCC, FAULT return to high impedance.
Note 3: When ITRIP <VITRIP, FAULT returns to high-impedance after RCIN pin becomes greater than 8 V (@ VCC = 15 V)


Similar Part No. - IRS26302DJTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DJTRPBF IRF-IRS26302DJTRPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DJTRPBF IRF-IRS26302DJTRPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
More results

Similar Description - IRS26302DJTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS26302DJPBF IRF-IRS26302DJPBF Datasheet
802Kb / 51P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF_15 Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
IRS26302DPBF IRF-IRS26302DPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE DRIVER
logo
Infineon Technologies A...
IRS26302DJPBF INFINEON-IRS26302DJPBF Datasheet
890Kb / 53P
   FULLY PROTECTED 3-PHASE BRIDGE PLUS ONE GATE
Data Sheet No. PD 60321A
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
   3-Phase Half Bridge Gate Driver
logo
Diodes Incorporated
DGD0636M DIODES-DGD0636M Datasheet
665Kb / 12P
   3-PHASE HALF-BRIDGE GATE DRIVER IN SO28
Rev. 1 - 2 February 2019
logo
Nihon Inter Electronics...
PGH NIEC-PGH Datasheet
796Kb / 10P
   3-phase diode bridge plus thyristor
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com