Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21844MTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS21844MTRPBF
Description  HALF-BRIDGE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21844MTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS21844MTRPBF Datasheet HTML 1Page - International Rectifier IRS21844MTRPBF Datasheet HTML 2Page - International Rectifier IRS21844MTRPBF Datasheet HTML 3Page - International Rectifier IRS21844MTRPBF Datasheet HTML 4Page - International Rectifier IRS21844MTRPBF Datasheet HTML 5Page - International Rectifier IRS21844MTRPBF Datasheet HTML 6Page - International Rectifier IRS21844MTRPBF Datasheet HTML 7Page - International Rectifier IRS21844MTRPBF Datasheet HTML 8Page - International Rectifier IRS21844MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
* Qualification standards can be found at www.irf.com
© 2008 International Rectifier
August 9, 2011
IRS21844MPBF
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to + 600 V
Tolerant to negative transient voltage, dV/dt
immune
Gate drive supply range from 10 V to 20 V
Undervoltage lockout for both channels
3.3 V and 5 V input logic compatible
Matched propagation delay for both channels
Logic and power ground +/- 5 V offset
Lower di/dt gate driver for better noise immunity
Output source/sink current capability 1.4 A/1.8 A
Lead free, RoHS compliant
Product Summary
Topology
Half-Bridge
VOFFSET
600 V
VOUT
10 V – 20 V
Io+ & I o- (typical)
1.9 A & 2.3 A
ton & toff (typical)
680 ns & 270 ns
Deadtime (typical)
400 ns (RDT = 0
)
5 s (RDT = 200 k )
Package Options
Typical Connection
MLPQ4x4 16- Leads
(Without 2 leads)


Similar Part No. - IRS21844MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21844MPBF IRF-IRS21844MPBF Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS21844MPBF INFINEON-IRS21844MPBF Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
August 9, 2011
logo
International Rectifier
IRS21844MPBF IRF-IRS21844MPBF_15 Datasheet
886Kb / 26P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS21844MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com