Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS21814MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS21814MPBF
Description  HIGH- AND LOW-SIDE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21814MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS21814MPBF Datasheet HTML 1Page - International Rectifier IRS21814MPBF Datasheet HTML 2Page - International Rectifier IRS21814MPBF Datasheet HTML 3Page - International Rectifier IRS21814MPBF Datasheet HTML 4Page - International Rectifier IRS21814MPBF Datasheet HTML 5Page - International Rectifier IRS21814MPBF Datasheet HTML 6Page - International Rectifier IRS21814MPBF Datasheet HTML 7Page - International Rectifier IRS21814MPBF Datasheet HTML 8Page - International Rectifier IRS21814MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IRS21814MPBF
www.irf.com
© 2008 International Rectifier
2
Description
The IRS21814MPBF is a high voltage, high speed power MOSFET and IGBT drivers with independent high-
and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver
cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the
high-side configuration which operates up to 600 V.
Feature Comparison: IRS2181(4)/IRS2183(4)/IRS2184(4)
Qualification Information
Industrial
††
(per JEDEC JESD 47)
Qualification Level
Comments: This IC has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ4x4 14L
MSL2
†††
(per IPC/JEDEC J-STD-020)
Machine Model
Class A (+/-150V)
(per JEDEC standard JESD22-A115)
Human Body Model
Class 1B (+/-1000V)
(per EIA/JEDEC standard EIA/JESD22-A114)
ESD
Charged Device Model
Class III (+/-1000V)
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class II, Level A
(per JESD78A)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please
contact your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.
Part
Input
Logic
Cross-
Conduction
Prevention
logic
Dead-Time
Ground
Pins
Ton/Toff
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220 ns
2183
Internal 500ns
COM
21834
HIN/LIN
yes
Programmable 0.4 – 5 us
VSS/COM
180/220 ns
2184
Internal 500ns
COM
21844
IN/SD
yes
Programmable 0.4 – 5 us
VSS/COM
680/270 ns


Similar Part No. - IRS21814MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS21814MPBF INFINEON-IRS21814MPBF Datasheet
888Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
June 9, 2016
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF_15 Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IRS21814MPBF IRF-IRS21814MPBF_16 Datasheet
888Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
More results

Similar Description - IRS21814MPBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com