Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR148S Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BCR148S
Description  NPN Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR148S Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCR148S Datasheet HTML 1Page - Siemens Semiconductor Group BCR148S Datasheet HTML 2Page - Siemens Semiconductor Group BCR148S Datasheet HTML 3Page - Siemens Semiconductor Group BCR148S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
Nov-26-1996
BCR 148S
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IB = 0
V(BR)CBO
50
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
100
nA
Emitter cutoff current
VEB = 10 V, IC = 0
IEBO
-
-
164
µA
DC current gain
IC = 5 mA, VCE = 5 V
hFE
70
-
-
-
Collector-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.8
-
1.5
Input on Voltage
IC = 2 mA, VCE = 0.3 V
Vi(on)
1
-
3
Input resistor
R1
32
47
62
k
Resistor ratio
R1/R2
0.9
1
1.1
-
AC Characteristics
Transition frequency
IC = 10 mA, VCE = 5 V, f = 100 MHz
fT
-
100
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
3
-
pF
1) Pulse test: t < 300
µs; D < 2%


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCR108S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR119S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR129S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR135S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR141S NPN Silicon Digital Transistor Array Switching circuit inverter interface driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR129 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133W NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR505 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn