Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR135 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BCR135
Description  NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCR135 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCR 135
Semiconductor Group
Jun-18-1997
3
DC Current Gain
hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
mA
IC
0
10
1
10
2
10
3
10
-
hFE
Collector-Emitter Saturation Voltage
VCEsat = f (IC), hFE = 20
0.0
0.2
0.4
0.6
V
1.0
VCEsat
0
10
1
10
2
10
mA
IC
Input on Voltage
Vi(on) = f (IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
V
Vi(on)
-1
10
0
10
1
10
2
10
mA
IC
Input off voltage
Vi(off) = f (IC)
VCE = 5V (common emitter configuration)
0.0
0.5
1.0
V
2.0
Vi(off)
-3
10
-2
10
-1
10
0
10
1
10
mA
IC


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn