Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR135 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BCR135
Description  NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BCR135 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BCR 135
Semiconductor Group
Jun-18-1997
1
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
driver circuit
• Built in bias resistor (R1=10kΩ, R2=47kΩ)
Type
Marking
Ordering Code
Package
Pin Configuration
SOT-23
BCR 135
WJs
Q62702-C2257
1 = B
2 = E
3 = C
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
V
50
50
VCBO
Collector-base voltage
Emitter-base voltage
6
VEBO
Input on Voltage
Vi(on)
20
100
mA
IC
DC collector current
Total power dissipation,
TS = 102 °C
Ptot
mW
200
Junction temperature
Tj
150
°C
65...+150
Storage temperature
Tstg
Thermal Resistance
Junction ambient 1)
≤ 350
K/W
RthJA
Junction - soldering point
RthJS
≤ 240
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm 2Cu


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn