Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTV126T630R0A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # XTV126T630R0A
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTV126T630R0A Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button XTV126T630R0A Datasheet HTML 2Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 3Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 4Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 5Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 6Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 7Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 8Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 9Page - Vishay Siliconix XTV126T630R0A Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
6
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
XTK-M STYLES
STYLE A
STYLE B
STYLE C
STYLE D
STYLE E
STYLE F
STYLE G
STYLE H
POSITIVE TERMINALS FOR XTK AND XTM
STYLE A
STYLE B, C AND D
STYLE E, G AND H
STYLE F
NEGATIVE TERMINALS FOR XTK AND XTM
STYLE A
STYLE B, E AND F
STYLE C AND G
STYLE D AND H
POS
NEG
POS
NEG
POS
NEG
POS
NEG
POS
NEG
POS
NEG
POS
NEG
POS
NEG
0.035 DIA.
2.250
± 0.025
H ± 0.062
0.281
± 0.062
0.062
0.125
Terminal detail
enlarged
0.125
0.500 ± 0.062
0.432
± 0.05
0.285
MAX.
0.812
± 0.062 0.555
± 0.015
3/8-24 UNF 2A
thread
H ± 0.062
0.020
± 0.015
0.432
± 0.05
0.285
MAX.
0.812
± 0.062 0.555
± 0.015
3/8-24 UNF 2A
thread
H ± 0.062
0.020
± 0.015
0.100 MAX.
0.750
± 0.020
0.281
± 0.062
2.250
± 0.025
0.656
± 0.025
0.035 DIA.
0.656
± 0.025
Case negative
0.078 DIA.
hole
0.656
± 0.025
0.375
± 0.062
0.187
6-32NC 2A
thread
0.656
± 0.025
0.375
± 0.062


Similar Part No. - XTV126T630R0A

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
XTV121000 CSB-BATTERY-XTV121000 Datasheet
737Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV121000 CSB-BATTERY-XTV121000_16 Datasheet
737Kb / 2P
   Cells per unit 6 Voltage per unit 12
XTV121000 CSB-BATTERY-XTV121000_17 Datasheet
415Kb / 1P
   Valve Regulated Lead Acid Battery
XTV121100 CSB-BATTERY-XTV121100 Datasheet
753Kb / 2P
   A general battery up to 12 years expected life in standby service or more than 260 cycles at 100% discharge in cycle service.
XTV121100 CSB-BATTERY-XTV121100_16 Datasheet
753Kb / 2P
   Cells per unit 6 Voltage per unit 12
More results

Similar Description - XTV126T630R0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
   Wet Tantalum Capacitors
Revision 02-Sep-03
logo
Cornell Dubilier Electr...
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com