Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT49S-30SL12ME2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XT49S-30SL12ME2
Description  Low Profile Holder Type Crystal Units
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT49S-30SL12ME2 Datasheet(HTML) 2 Page - Vishay Siliconix

  XT49S-30SL12ME2 Datasheet HTML 1Page - Vishay Siliconix XT49S-30SL12ME2 Datasheet HTML 2Page - Vishay Siliconix XT49S-30SL12ME2 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: frequency@vishay.com
Document Number: 35014
2
Revision: 19-Mar-10
XT49S
Vishay Dale
Low Profile Holder Type Crystal Units
ORDERING INFORMATION
XT49S
R
-20
SP
12M
e2
MODEL
OTR
blank = standard
R = - 40 °C to + 85 °C
LOAD
blank = series
-16 = 16 pF
-20 = 20 pF standard
-30 = 30 pF
-32 = 32 pF
OPTIONS
blank = standard
SP = spacer
SL = sleeve
FREQUENCY/MHz
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
XT
9
S
2
0
A
N
A
1
2
M
MODEL
LOAD
PACKAGE
CODE
OPTION
FREQUENCY
GLOBAL PART NUMBERING
XT
9
S
2
0
A
N
A
4
0
M
MODEL NUMBER
LOAD
CAPACITANCE
PACKAGE
CODE
OPTIONS
FREQUENCY
XT9S = XT49S
XT9M = XT49M
XTU1 = XTUM1
18 = 18 pF
20 = 20 pF
NL = series
to be specified by
customer
Tape and reel
G = RF5 (XT9S)
H = RF7 (XT9M)
Bulk
A = B04
(all models)
NA = no additional
options
RR = extended
temperature
of - 40 °C to + 85 °C
Contact factory for
all other options
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT49S-20 40M
X
T
36
20
A
1
2
M
MODEL NUMBER
LOAD CAPACITANCE
PACKAGE
CODE
FREQUENCY
XT46 = XT46C
XT36 = XT36C
18 = 18 pF
20 = 20 pF
NL = series
to be specified by
customer
Tape and reel
H = RF7
Bulk
A = B04
(all models)
4M = 4 MHz
40M = 40 MHz
100M = 100 MHz
12M288 = 12.288 MHz
M is used as
decimal place
holder in frequency
Example: XT36C-20 12M


Similar Part No. - XT49S-30SL12ME2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49S-30SL12ME2 VISHAY-XT49S-30SL12ME2 Datasheet
89Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 18-Oct-07
More results

Similar Description - XT49S-30SL12ME2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HC-49S LUGUANG-HC-49S Datasheet
440Kb / 2P
   Low Profile Holder Type Crystal Units
logo
Vishay Siliconix
XT49S VISHAY-XT49S_13 Datasheet
73Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 19-Mar-10
XT49SL VISHAY-XT49SL Datasheet
90Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 18-Oct-07
XT49S VISHAY-XT49S_07 Datasheet
89Kb / 3P
   Low Profile Holder Type Crystal Units
Revision: 18-Oct-07
XT49S VISHAY-XT49S_V01 Datasheet
78Kb / 3P
   Low Profile Holder Type Crystal Units
01-Jan-2022
XT49S VISHAY-XT49S Datasheet
97Kb / 1P
   Low Profile Holder Type Crystal Units
Revision: 25-Aug-05
logo
RSG Electronic Componen...
HC-49S RSG-HC-49S Datasheet
162Kb / 1P
   LOW PROFILE HOLDER TYPE CRYSTAL UNITS
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
   RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
logo
Vishay Siliconix
XT49M VISHAY-XT49M_13 Datasheet
109Kb / 3P
   Low Profile SMD Type Crystal Units
Revision: 19-Mar-10
XT49M VISHAY-XT49M_V01 Datasheet
113Kb / 3P
   Low Profile SMD Type Crystal Units
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com