Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR129S Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BCR129S
Description  NPN Silicon Digital Transistor Array (Switching circuit, inverter, interface circuit, driver circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR129S Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCR129S Datasheet HTML 1Page - Siemens Semiconductor Group BCR129S Datasheet HTML 2Page - Siemens Semiconductor Group BCR129S Datasheet HTML 3Page - Siemens Semiconductor Group BCR129S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
Dec-18-1996
BCR 129S
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C 150
T
A,TS
0
50
100
150
200
mW
300
P
tot
T
A
S
T
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
-1
10
0
10
1
10
2
10
3
10
K/W
R
thJS
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Permissible Pulse Load
Ptotmax / PtotDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
0
10
1
10
2
10
3
10
-
P
totmax/PtotDC
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BCR108S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR119S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR135S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR141S NPN Silicon Digital Transistor Array Switching circuit inverter interface driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR148S NPN Silicon Digital Transistor Array Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR129 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR133W NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group
BCR505 NPN Silicon Digital Transistor Switching circuit inverter interface circuit driver circuit 1  2  3  4  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn